전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BAT54S-AL3-R

  • AI
    ## Technical Overview: BAT54S-AL3-R The **BAT54S-AL3-R** is a high-speed Schottky barrier diode in a dual-series configuration. It is widely used in power management and signal processing due to its low forward voltage drop and fast switching capabilities. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Configuration** | Dual Series | Two diodes connected in series (Anode 1 to Cathode 2) | | **Continuous Forward Current ($I_F$)** | 200 mA | Maximum current the diode can handle continuously | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 30 V | Maximum voltage the diode can withstand in reverse | | **Forward Voltage Drop ($V_F$)** | ~0.32V - 1.0V | Low voltage drop compared to standard silicon diodes | | **Reverse Recovery Time ($t_{rr}$)** | < 5.0 ns | Extremely fast switching speed | | **Operating Temperature** | -55°C to +150°C | Robust range for industrial applications | --- ### 2. Internal Circuit Diagram The **"S"** suffix in BAT54S denotes the internal arrangement. In this specific model, the pins are connected as follows: ```text Pin 1: Anode (D1) Pin 2: Cathode (D2) Pin 3: Cathode (D1) and Anode (D2) connected together (Common junction) ``` --- ### 3. Core Features and Benefits * **Schottky Technology:** Utilizes a metal-to-silicon junction rather than a P-N junction, resulting in much faster switching and lower power loss. * **Surface Mount Design:** Usually comes in the **SOT-23** package (indicated by the AL3/R suffix codes), making it ideal for automated PCB assembly. * **Low Capacitance:** Typical capacitance is around 10pF, which helps maintain signal integrity in high-frequency circuits. --- ### 4. Typical Applications 1. **ESD Protection:** Protecting sensitive IC inputs from voltage spikes. 2. **Clamping Circuits:** Limiting the voltage level of a signal to prevent damage to downstream components. 3. **Reverse Polarity Protection:** Protecting small low-power circuits from accidental battery reversal. 4. **Voltage Doublers:** Used in RF and power circuits to multiply input voltages. --- ### 5. Part Number Breakdown (UTC/Typical) * **BAT54:** The base part number for the Schottky diode series. * **S:** Internal configuration (Series connection). * **AL3:** Package code (commonly referring to SOT-23). * **R:** Packing code (usually Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What are the differences between BAT54S
    • ⤷ BAT54A
    • ⤷ and BAT54C?
    • ⤷ How does the forward voltage drop change with temperature in this diode?
    • ⤷ Can the BAT54S be used for high-current power rectification?