전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BAV20WS

  • AI
    # BAV20WS Electronic Component Overview The **BAV20WS** is a high-voltage, high-speed switching diode housed in a small surface-mount package. It is primarily designed for general-purpose switching applications where high voltage tolerance and fast recovery times are required. --- ### 1. Key Technical Specifications | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 200 | V | | **Continuous Forward Current** | $I_F$ | 200 | mA | | **Reverse Recovery Time** | $t_{rr}$ | 50 | ns | | **Forward Voltage Drop** (at 100mA) | $V_F$ | 1.0 (Max) | V | | **Power Dissipation** | $P_D$ | 200 | mW | | **Package Type** | - | SOD-323 | - | --- ### 2. Physical and Material Properties The BAV20WS is typically manufactured using **Silicon Epitaxial Planar** technology. * **Package (SOD-323):** This is a very small, plastic surface-mount package. It is ideal for space-constrained designs like mobile devices or compact power supplies. * **Polarity:** The cathode is marked with a band on the body of the diode. * **Lead-Free:** Most modern versions are RoHS compliant and use "Green" molding compounds. --- ### 3. Core Functions * **High-Speed Switching:** With a reverse recovery time ($t_{rr}$) of only 50ns, it can switch from a conducting to a non-conducting state very quickly, making it suitable for high-frequency signals. * **Voltage Blocking:** It can withstand up to 200V in the reverse direction, which is significantly higher than standard signal diodes like the 1N4148. * **Protection:** Often used to protect sensitive CMOS or low-voltage components from high-voltage transients. --- ### 4. Typical Applications 1. **General Purpose Switching:** Used in logic circuits to direct signal flow. 2. **Clamping Circuits:** Used to limit the voltage level of a signal to prevent damage to subsequent stages. 3. **Reverse Polarity Protection:** Protecting low-current circuits against accidental battery reversal. 4. **Rectification:** Small scale AC-to-DC conversion in signal processing. --- ### 5. Equivalent/Alternative Parts If the BAV20WS is unavailable, the following parts are often considered as alternatives (though footprint may vary): * **BAV21WS:** Similar but with a higher voltage rating (250V). * **BAV19WS:** Similar but with a lower voltage rating (120V). * **1N4148WS:** For applications requiring even faster switching but lower voltage (100V).
    ✨ Follow-up Questions
    • ⤷What is the difference between BAV20WS and BAV21WS in terms of performance?
    • ⤷ Can the BAV20WS be used for high-power rectification?
    • ⤷ How does the SOD-323 package compare to the SOD-123 package for this diode?