전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BAV70G-AE3-R

  • AI
    ## Technical Overview of BAV70G-AE3-R The **BAV70G-AE3-R** is a high-speed switching diode configured in a **Common Cathode** arrangement. It is widely used in signal processing and logic circuits where fast switching and space-saving surface-mount packaging are required. ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the BAV70G-AE3-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Configuration** | - | Dual (Common Cathode) | - | | **Reverse Voltage (Max)** | $V_{RRM}$ | 70 | V | | **Forward Current (Continuous)** | $I_F$ | 215 | mA | | **Reverse Recovery Time** | $t_{rr}$ | 6.0 | ns | | **Forward Voltage Drop** | $V_F$ | 1.25 (at 150mA) | V | | **Package Type** | - | SOT-23 | - | --- ### 2. Internal Configuration The BAV70 series features two diodes integrated into a single 3-pin package. * **Pin 1:** Anode of Diode 1 * **Pin 2:** Anode of Diode 2 * **Pin 3:** Common Cathode for both diodes ```mermaid graph TD P1[Pin 1: Anode 1] --> D1((Diode 1)) P2[Pin 2: Anode 2] --> D2((Diode 2)) D1 --> P3[Pin 3: Common Cathode] D2 --> P3 ``` --- ### 3. Key Features & Applications #### Features * **High Speed:** A reverse recovery time of $\leq$ 6ns makes it ideal for high-frequency switching. * **Small Footprint:** The SOT-23 package allows for high-density PCB layouts. * **Reliability:** Low leakage current and stable performance across temperature ranges. #### Common Applications 1. **Signal Clamping:** Protecting sensitive IC inputs from overvoltage. 2. **Reverse Polarity Protection:** Preventing damage from incorrect battery insertion in low-current devices. 3. **Logical "OR" Gates:** Using the common cathode to combine signals. 4. **High-Speed Switching:** Used in communication equipment and digital processing units. --- ### 4. Part Number Breakdown (UTC Standard) The suffix codes usually indicate specific manufacturing details: * **BAV70:** Basic part series (Dual Switching Diode). * **G:** Halogen-free and RoHS compliant. * **AE3:** Denotes the SOT-23 package style. * **R:** Tape and Reel packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between BAV70 (Common Cathode) and BAV99 (Series)?
    • ⤷ How does the reverse recovery time (trr) affect high-speed digital circuits?
    • ⤷ What are the thermal considerations when using BAV70 in a SOT-23 package?