전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BB178G-CC2-R

  • AI
    ### Overview of BB178G-CC2-R The **BB178G-CC2-R** is a specific type of **Varicap Diode** (also known as a Varactor Diode). These components act as voltage-variable capacitors, where the capacitance across the junction changes based on the amount of reverse-bias voltage applied. --- ### Technical Specifications Below are the primary electronic characteristics typical for this component series: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Type** | Variable Capacitance Diode | Varactor / Varicap | | **Capacitance ($C_d$)** | At specific voltage (e.g., 28V) | ~2.6 pF to 2.8 pF | | **Capacitance Ratio** | $C_d(1V) / C_d(28V)$ | ~10 to 12 | | **Series Resistance ($r_s$)** | Internal resistance at high frequency | < 0.7 $\Omega$ | | **Package Type** | Surface Mount | SOD-523 (or similar) | | **Configuration** | Single Diode | Discrete | --- ### Key Electronic Functions 1. **Voltage-Controlled Tuning:** The primary role of the BB178G is to tune resonant circuits. By changing the input voltage, the capacitance changes, which in turn shifts the frequency of a circuit. 2. **High Q Factor:** It is designed with low series resistance to ensure a high Quality (Q) factor, which is essential for sharp tuning and low signal loss in RF (Radio Frequency) applications. 3. **Linearity:** The device is engineered to provide a predictable capacitance-voltage (C-V) curve, allowing for precise digital or analog control of frequencies. --- ### Common Applications * **VHF/UHF Tuners:** Used extensively in television tuners and radio receivers to select channels. * **VCOs (Voltage Controlled Oscillators):** Acts as the frequency-determining element in oscillators used for communication devices. * **Phase Shifters:** Used in signal processing to alter the phase of a high-frequency carrier wave. * **Filters:** Integrated into tunable bandpass filters. --- ### Circuit Symbol and Polarity In a schematic, it is represented as a diode with a capacitor symbol integrated into it. * **Anode:** Connected to the lower potential. * **Cathode:** Connected to the higher potential (Reverse Bias). * **Note:** Varactors are almost **always** operated in a reverse-bias state to prevent current flow and utilize the depletion region as the dielectric.
    ✨ Follow-up Questions
    • ⤷ What is the maximum reverse voltage rating for the BB178 series?
    • ⤷ How does the capacitance ratio affect the tuning range of an FM radio?
    • ⤷ Which manufacturers currently produce the BB178G variant?