전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BC546A..

  • AI
    ## Overview of the BC546A Transistor The **BC546A** is a widely used NPN (Negative-Positive-Negative) bipolar junction transistor (BJT). It is specifically designed for low-noise, high-voltage switching and amplification applications. --- ### 1. Key Technical Specifications The BC546A is part of the BC546 family, where the "A" suffix denotes the specific DC current gain (hFE) range. | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | NPN | Bipolar Junction Transistor | | **Package** | TO-92 | Plastic small-outline package | | **$V_{CEO}$** | 65V | Maximum Collector-Emitter Voltage | | **$I_C$** | 100mA | Continuous Collector Current | | **$P_{tot}$** | 500mW | Total Power Dissipation | | **$h_{FE}$** | 110 – 220 | DC Current Gain (Category A) | | **$f_T$** | 300MHz | Transition Frequency | --- ### 2. Pinout Configuration When looking at the flat side of the TO-92 package with the leads pointing downwards, the pins are numbered 1 to 3 from left to right: 1. **Collector (C):** Current flows into this lead. 2. **Base (B):** The trigger that controls the flow between Collector and Emitter. 3. **Emitter (E):** Current flows out through this lead. --- ### 3. Core Functions and Applications #### A. Switching The BC546A can act as an electronic switch. When a small current is applied to the **Base**, it allows a larger current to flow from the **Collector** to the **Emitter**. * **Application:** Driving LEDs, relays, or small motors from a microcontroller GPIO. #### B. Amplification Because it has a gain ($h_{FE}$) of up to 220, a small change in input signal at the base results in a significantly larger change at the output. * **Application:** Audio pre-amplifiers and signal processing circuits. --- ### 4. Circuit Implementation Example To use the BC546A as a simple switch for an LED, you would typically follow this logic: ```cpp // Logic for determining Base Resistor (Rb) // Rb = (V_control - V_be) / I_b // Where V_be is roughly 0.7V ``` 1. Connect the **Load** (LED + Resistor) to the **Collector**. 2. Connect the **Emitter** to **Ground**. 3. Apply a signal to the **Base** through a current-limiting resistor (e.g., 1kΩ - 10kΩ). --- ### 5. Comparison: A vs. B vs. C Suffix The BC546 series is categorized based on gain ($h_{FE}$): * **BC546A:** 110 – 220 (Low gain) * **BC546B:** 200 – 450 (Medium gain) * **BC546C:** 420 – 800 (High gain)
    ✨ Follow-up Questions
    • ⤷ What is the main difference between an NPN and a PNP transistor?
    • ⤷ How do I calculate the base resistor for a BC546A switch?
    • ⤷ Can a BC546A be replaced by a 2N2222 in most circuits?