BCL453232-R15M
AI

## Technical Overview: BCL453232-R15M
The **BCL453232-R15M** is a surface-mount device (SMD) wire-wound chip inductor designed primarily for high-frequency applications and power supply circuits. It belongs to the **4532 (1812)** size category.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **BCL** | Series Name | High-current/High-Q wire-wound chip inductor series. |
| **453232** | Dimensions | L: 4.5mm, W: 3.2mm, T: 3.2mm (Metric). Corresponds to EIA 1812. |
| **R15** | Inductance Value | R denotes the decimal point. $0.15 \mu H$. |
| **M** | Tolerance | $\pm 20\%$ standard tolerance. |
---
### 2. Key Electrical Specifications
While specific values can vary slightly by manufacturer (e.g., Bourns, Taiyo Yuden, or generic brands), the standard specs for an R15 (0.15µH) in this package are:
* **Inductance:** $0.15 \mu H$
* **Tolerance:** $\pm 20\%$
* **Test Frequency:** Typically measured at $1.0\text{ MHz}$ or $25.2\text{ MHz}$ depending on the sub-series.
* **DC Resistance (DCR):** Very low (usually $< 0.5 \Omega$), allowing for high efficiency.
* **Rated Current (Idc):** High current handling capability, typically ranging from $450\text{ mA}$ to $800\text{ mA}$ based on heat rise.
* **Self-Resonant Frequency (SRF):** High SRF (often $> 400\text{ MHz}$), making it suitable for RF filtering.
---
### 3. Construction and Material
* **Core Material:** Usually Ferrite. Ferrite cores provide high permeability and low eddy current losses.
* **Winding:** Wire-wound construction. This provides lower DC resistance and higher Q-factors compared to multilayer inductors.
* **Termination:** Tin-plated (Sn) over Nickel (Ni) barrier to ensure excellent solderability and resistance to soldering heat.
---
### 4. Typical Applications
The BCL453232 series is versatile and commonly found in:
1. **DC-DC Converters:** Used for energy storage and smoothing in power modules.
2. **EMI Suppression:** Filtering high-frequency noise in communication equipment.
3. **Signal Line Filtering:** Used in automotive electronics and industrial control systems due to its robust size and thermal stability.
4. **RF Circuits:** Matching networks and decoupling.
---
### 5. Physical Footprint (EIA 1812)
| Dimension | Millimeters (mm) | Inches (in) |
| :--- | :--- | :--- |
| **Length (L)** | $4.5 \pm 0.3$ | $0.177 \pm 0.012$ |
| **Width (W)** | $3.2 \pm 0.2$ | $0.126 \pm 0.008$ |
| **Thickness (T)** | $3.2 \pm 0.2$ | $0.126 \pm 0.008$ |
---
- ⤷What is the maximum operating temperature for the BCL453232 series?
- ⤷ How does a wire-wound inductor differ from a multilayer inductor in performance?
- ⤷ Can you provide a recommended PCB landing pattern for the 1812 package?