전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BCL453232-R18M

  • AI
    ### Overview of BCL453232-R18M The **BCL453232-R18M** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in power circuits and high-frequency applications due to its stable inductance and high reliability. --- ### 1. Part Number Breakdown The part number follows a standard industry naming convention: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **BCL** | Series Name | Wire-wound chip inductor series. | | **453232** | Dimensions | Metric size: 4.5mm x 3.2mm x 3.2mm (approx. 1812 in EIA). | | **R18** | Inductance Value | **0.18 µH** (R represents the decimal point). | | **M** | Tolerance | **±20%** tolerance. | --- ### 2. Key Specifications While specific values can vary slightly by manufacturer (e.g., Bourns, Taiyo Yuden, or TDK), typical specifications for this part include: * **Inductance:** 0.18 µH * **Case Size:** 1812 (4532 Metric) * **Operating Temperature:** -40°C to +125°C (includes self-temperature rise) * **Mounting Type:** Surface Mount (SMD/SMT) * **Core Material:** Ferrite (usually) --- ### 3. Application Use Cases This specific inductor is generally used for: 1. **Filtering:** Used in power supply circuits to reduce electromagnetic interference (EMI). 2. **Decoupling:** Filtering out noise in DC/DC converters. 3. **Signal Processing:** Used in communication equipment for high-frequency signal conditioning. 4. **Consumer Electronics:** Found in TVs, set-top boxes, and automotive infotainment systems. --- ### 4. Comparison Table (Related Parts) To understand where the R18M fits, compare it to other common values in the 4532 series: | Part Number | Inductance (µH) | Typical Q Factor (Min) | SRF (Self Resonant Freq) | | :--- | :--- | :--- | :--- | | BCL453232-R10M | 0.10 | 30 | 650 MHz | | **BCL453232-R18M** | **0.18** | **30** | **550 MHz** | | BCL453232-1R0K | 1.00 | 50 | 100 MHz | --- ### 5. Board Layout Considerations When designing a PCB for the BCL453232-R18M, keep the following in mind: * **Current Rating:** Ensure the circuit's peak current does not exceed the inductor's saturation current ($I_{sat}$), as this will cause the inductance to drop significantly. * **Heat Dissipation:** Wire-wound inductors generate heat at high currents. Use wide copper traces. * **Magnetic Interference:** Because it is wire-wound, be mindful of placing sensitive analog components directly adjacent to it to avoid crosstalk.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (I-sat) for this specific 0.18uH inductor?
    • ⤷ How does a ferrite core differ from a ceramic core in this package size?
    • ⤷ What are the recommended soldering profiles for 1812 SMD inductors?