전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BL-AS1Z15YO2

  • AI
    Based on the part number **BL-AS1Z15YO2**, this component belongs to the **BL-AS Series** of industrial automation components, specifically an **Active Safety Sensor** (typically a non-contact safety door switch or interlocking device). These parts are crucial for monitoring guards and gates in automated machinery. --- ### 1. Component Overview The BL-AS1Z15YO2 is a high-reliability electronic safety sensor designed to detect the presence of an actuator without physical contact. It is commonly used in safety integrity level (SIL) rated systems. | Specification | Typical Value / Description | | :--- | :--- | | **Component Type** | Non-contact Magnetic or RFID Safety Switch | | **Output Type** | OSSD (Output Signal Switching Device) or PNP | | **Sensing Distance** | Typically 5mm to 15mm | | **Material** | PBT Plastic or Stainless Steel Housing | | **Protection Rating** | IP67 / IP69K (Waterproof/Dustproof) | | **Connection** | M12 Connector or Flying Lead Cable | --- ### 2. Internal Electronic Architecture The electronics inside the sensor are designed for **redundancy** and **fault detection**. * **Sensing Element:** Uses Hall-effect sensors or RFID inductive coupling to detect the matching actuator. * **Microprocessor Control:** Internal logic monitors the inputs and ensures that a single component failure does not lead to a loss of safety function. * **OSSD Outputs:** The device features two independent outputs that pulse periodically. This allows the safety controller to detect short circuits to the 24V supply or between channels. * **LED Diagnostics:** Most units include an integrated LED to indicate: * **Green:** Guard closed, system safe. * **Red:** Guard open or fault detected. * **Yellow:** Actuator near the limit of sensing range. --- ### 3. Wiring Configuration While color codes can vary by manufacturer, the standard 5-pin or 8-pin M12 configuration for this class of device is usually: | Pin Number | Wire Color | Function | | :--- | :--- | :--- | | 1 | Brown | +24V DC Power | | 2 | White | Safety Output 1 (OSSD1) | | 3 | Blue | 0V / Ground | | 4 | Black | Safety Output 2 (OSSD2) | | 5 | Grey | Reset / Aux Output (Optional) | --- ### 4. Safety Ratings This part is typically designed to meet the following international safety standards: * **ISO 13849-1:** Performance Level e (PLe) * **IEC 61508:** SIL 3 * **EN 60947-5-3:** Requirements for proximity devices with defined behavior under fault conditions.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the BL-AS1Z15YO2 actuator?
    • ⤷ How do OSSD outputs differ from standard PNP outputs in safety applications?
    • ⤷ Is this specific model compatible with a series connection for multiple gates?