전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BL-R1130

  • AI
    ## Overview of the BL-R1130 Module The **BL-R1130** is a highly integrated, low-power Wi-Fi module designed for embedded applications. It is based on the **Realtek RTL8188FTV** chipset and is commonly used in tablets, set-top boxes, and various IoT devices to provide wireless connectivity. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188FTV | | **Interface** | USB 2.0 (High Speed) | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Standards** | IEEE 802.11b, IEEE 802.11g, IEEE 802.11n | | **Data Rate** | Up to 150 Mbps (802.11n) | | **Operating Voltage** | 3.3V DC (±10%) | | **Antenna Type** | External (via I-PEX connector or solder pad) | --- ### 2. Major Electronic Components The module's architecture consists of several critical internal components that handle signal processing and power management: 1. **RTL8188FTV (Main SoC):** The heart of the module. It combines a MAC, a 1T1R (1 Transmit, 1 Receive) baseband, and an RF radio in a single chip. 2. **Crystal Oscillator:** Typically a 40MHz crystal that provides the clock signal necessary for the timing of the wireless radio and the USB interface. 3. **Power Management Unit (PMU):** Internal circuitry that regulates the 3.3V input to lower voltages (like 1.2V) required by the core logic. 4. **EEPROM / OTP Memory:** Used to store calibration data, MAC addresses, and device IDs (Vendor ID/Product ID). 5. **RF Front-End:** Includes the Power Amplifier (PA), Low Noise Amplifier (LNA), and an RF switch to toggle between transmit and receive modes. --- ### 3. Pin Configuration (Typical) Most BL-R1130 modules use a small form-factor pinout (often 4 to 6 pins depending on the specific breakout board version). | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Power Supply (VCC) | | 2 | **USB_D-** | USB Data Negative | | 3 | **USB_D+** | USB Data Positive | | 4 | **GND** | Ground | | 5 | **RST** | Reset (Active Low) / Optional | | 6 | **WAKE** | Remote Wake-up / Optional | --- ### 4. Implementation Considerations * **RF Layout:** Because the module operates at 2.4GHz, the trace leading to the antenna must have a **50-ohm characteristic impedance** to avoid signal loss and interference. * **Power Stability:** It is recommended to place a 10uF and a 0.1uF ceramic capacitor close to the VCC pin to filter out noise from the USB power line. * **Driver Support:** Since it uses the RTL8188FTV chipset, it is widely supported by Linux (using `rtl8188fu` drivers), Android, and Windows. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the BL-R1130 and the BL-R8188EU?
    • ⤷ How do I calculate the 50-ohm impedance for the antenna trace?
    • ⤷ Can this module be used in an Access Point (AP) mode?