전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BL-R1132D

  • AI
    ## BL-R1132D: Electronic Component Overview The **BL-R1132D** is a high-performance, low-power **Wi-Fi module** designed for embedded systems. It is based on the **Realtek RTL8188FTV** chipset and is widely used for adding wireless connectivity to devices via a USB interface. --- ### 1. Key Technical Specifications The following table outlines the core electronic and operational parameters of the module: | Parameter | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188FTV | | **Interface** | USB 2.0 (High Speed) | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Operating Voltage** | 3.3V DC (±0.2V) | | **Antenna Type** | External (via I-PEX/MHF connector or PCB pad) | | **Data Rate** | Up to 150Mbps (802.11n) | --- ### 2. Functional Electronic Blocks The module consists of several critical internal sections that manage the transition from digital signals to radio waves: #### A. Baseband Processing The integrated RTL8188FTV chip handles the **MAC (Media Access Control)** and Baseband layers. It manages data framing, error correction, and the CSMA/CA protocols required for Wi-Fi communication. #### B. Radio Frequency (RF) Frontend This section includes: * **Power Amplifier (PA):** Increases the signal strength for transmission. * **Low Noise Amplifier (LNA):** Boosts weak incoming signals from the antenna while minimizing noise. * **RF Switch:** Toggles between Transmit (TX) and Receive (RX) modes. #### C. Power Management Unit (PMU) The module regulates the incoming 3.3V supply to the internal core voltages (usually 1.2V and 1.5V) required by the processor and the RF circuits. --- ### 3. Pinout and Connectivity The BL-R1132D typically uses a small form factor (SND/LGA package). The primary pins include: 1. **VDD (3.3V):** Main power supply. 2. **USB_D+ / USB_D-:** Differential data lines for communication with the host processor (e.g., ARM, MIPS). 3. **GND:** Common ground. 4. **CHIP_EN:** Enable/Disable pin for power saving. 5. **RF_ANT:** Output for the 2.4GHz antenna. --- ### 4. Common Applications * **IP Cameras:** Providing wireless video streaming. * **OTT Boxes:** Smart TV boxes requiring internet access. * **Dash Cams:** Transferring footage to smartphones via Wi-Fi. * **Printers:** Adding wireless printing capabilities.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the BL-R1132D during transmission?
    • ⤷ Does this module support both 2.4GHz and 5GHz bands?
    • ⤷ How do I configure the Linux driver for the RTL8188FTV chipset?