전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BL-R2131K

  • AI
    The **BL-R2131K** is a high-performance, low-cost Wi-Fi module based on the **Realtek RTL8188EUS** chipset. It is designed to provide wireless network connectivity to devices via a USB interface. --- ## 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188EUS | | **Interface** | USB 2.0 (High Speed) | | **Protocol** | IEEE 802.11b/g/n | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate** | Up to 150 Mbps (1T1R) | | **Operating Voltage** | 3.3V ±0.2V | | **Antenna Type** | External (via I-PEX connector or solder pad) | --- ## 2. Hardware Architecture & Components The module integrates several electronic components into a small form factor (typically 12.9mm x 12.2mm): ### A. The MAC/BBP/RF SoC (RTL8188EUS) The heart of the module is the Realtek SoC which combines: * **MAC (Media Access Control):** Handles the data link layer protocols. * **Baseband Processor:** Processes the digital signals for wireless transmission. * **RF Transceiver:** Manages the 2.4GHz radio waves. ### B. Power Management The module operates on a **3.3V DC** supply. Internally, it contains Low Dropout Regulators (LDOs) to step down voltages for the core logic (usually 1.2V), ensuring stable performance despite fluctuations in the input power. ### C. Frequency Control A high-precision **Crystal Oscillator** (usually 40MHz) provides the clock signal necessary for the synchronization of data packets and RF carrier generation. --- ## 3. Pin Definition (Typical 4-Pin / 6-Pin Layout) | Pin Name | Description | Function | | :--- | :--- | :--- | | **3.3V** | Power Supply | Main DC power input | | **USB_D-** | Data Minus | USB Differential Data Line | | **USB_D+** | Data Plus | USB Differential Data Line | | **GND** | Ground | Common Ground | | **WPS/Reset** | Control Pin | Optional hardware reset or WPS trigger | --- ## 4. Key Application Use Cases Because of its small size and low power consumption, the BL-R2131K is commonly found in: * **IP Cameras:** For wireless video streaming. * **Smart TVs/OTT Boxes:** Adding Wi-Fi capability to Android/Linux media players. * **Printers:** Enabling wireless printing services. * **Industrial PCs:** Providing M2M (Machine to Machine) communication.
    ✨ Follow-up Questions
    • ⤷ What are the driver requirements for BL-R2131K on Linux-based systems?
    • ⤷ Does this module support 'Soft-AP' mode for creating a hotspot?
    • ⤷ What is the typical power consumption of this module during active transmission?