전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BL-R2135

  • AI
    The **BL-R2135** is a highly integrated, low-power, single-chip wireless communication module. It is primarily designed to provide **Wi-Fi 4 (802.11b/g/n)** connectivity for consumer electronics and industrial IoT applications. --- ### 1. Key Technical Specifications The module is typically built around the **Realtek RTL8188FTV** or a similar high-performance chipset. | Feature | Specification | | :--- | :--- | | **Protocol** | IEEE 802.11b/g/n (Wi-Fi 4) | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate** | Up to 150 Mbps (1x1 SISO) | | **Host Interface** | USB 2.0 | | **Operating Voltage** | 3.3V DC (±10%) | | **Antenna Type** | External (via Pin) or PCB Trace | | **Form Factor** | LCC (Leadless Chip Carrier) / Stamp Hole | --- ### 2. Core Electronic Components The BL-R2135 consists of several critical sub-systems: * **RF Transceiver:** Manages the modulation and demodulation of radio signals. * **MAC/Baseband Processor:** Handles the 802.11 protocol stack, security (WEP, WPA/WPA2), and data framing. * **Power Management Unit (PMU):** Converts the input 3.3V to internal voltages required by the core logic and RF circuits. * **Crystal Oscillator:** Usually a **40MHz** crystal that provides the clock reference for the RF frequency synthesizer. * **Front End:** Includes a Power Amplifier (PA) for transmission and a Low Noise Amplifier (LNA) for reception. --- ### 3. Pin Configuration (Typical) The module usually features a small footprint with 4 to 6 primary active pins for operation: | Pin Name | Function | Description | | :--- | :--- | :--- | | **3.3V** | Power | Main power supply input. | | **GND** | Ground | Common ground reference. | | **USB_D+** | Data + | Differential USB data signal positive. | | **USB_D-** | Data - | Differential USB data signal negative. | | **RF_ANT** | RF Out | Connection point for the 2.4GHz antenna. | | **CHIP_EN** | Enable | Power-down or Reset control pin. | --- ### 4. Application Areas Because of its USB interface and small size, it is widely used in: 1. **Smart TVs / OTT Boxes:** Providing wireless internet access. 2. **IP Cameras:** For wireless video streaming. 3. **Printers:** Enabling wireless network printing. 4. **Dash Cams:** Transferring video files to mobile devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the BL-R2135 during transmission?
    • ⤷ Does this module support Linux and Android drivers?
    • ⤷ How do I calculate the matching network for the RF_ANT pin?