전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BL-R2138C

  • AI
    ## Overview of the BL-R2138C Module The **BL-R2138C** is a highly integrated, low-power **Wi-Fi and Bluetooth** combo module. It is designed to provide high-speed wireless connectivity for embedded systems, IoT devices, and multimedia applications. It is typically based on the **Realtek RTL8723DS** chipset. --- ### Core Specifications The following table outlines the primary electronic and technical characteristics of the module: | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8723DS | | **Wi-Fi Standard** | IEEE 802.11 b/g/n (1T1R) | | **Bluetooth Standard** | Bluetooth v2.1/4.2 Dual Mode | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Host Interface** | SDIO 1.1/2.0/3.0 (Wi-Fi), UART (Bluetooth) | | **Operating Voltage** | 3.3V (±0.2V) | | **Antenna Type** | External (via Pin) or PCB Trace | | **Data Rate (Wi-Fi)** | Up to 150Mbps | --- ### Key Electronic Components The module's architecture consists of several critical stages that manage radio frequency (RF) and data processing: #### 1. The RTL8723DS SoC This is the "brain" of the module. It integrates: * **MAC/Baseband:** Handles the protocol logic for Wi-Fi and BT. * **RF Transceiver:** Manages the conversion of digital data into 2.4GHz radio signals. * **Power Management Unit (PMU):** Regulates internal voltages to ensure energy efficiency. #### 2. RF Front-End * **LNA (Low Noise Amplifier):** Amplifies weak incoming signals from the antenna without adding noise. * **PA (Power Amplifier):** Boosts the outgoing signal strength for transmission. * **Switch/Diplexer:** Separates the Wi-Fi and Bluetooth signals since they share the same 2.4GHz frequency band. #### 3. Clock Circuit (Crystal Oscillator) The module typically contains a **26MHz or 40MHz crystal**. This provides the precise timing required for RF frequency synthesis and stable data transmission. #### 4. Interface Connections The BL-R2138C uses a specific pinout for hardware integration: * **SDIO:** Used for high-speed Wi-Fi data transfer to the host processor. * **UART:** Used for Bluetooth data and command communication (HCI). * **PCM/I2S:** Used for digital audio transmission over Bluetooth. --- ### Operating Conditions | Parameter | Minimum | Maximum | Unit | | :--- | :--- | :--- | :--- | | Storage Temperature | -40 | +85 | °C | | Operating Temperature | -10 | +70 | °C | | Humidity (Non-condensing) | 10% | 90% | RH |
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout requirements for the SDIO interface on this module?
    • ⤷ Does the BL-R2138C support BLE (Bluetooth Low Energy) mesh networking?
    • ⤷ What is the typical power consumption during active Wi-Fi transmission?