전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BL-R2139A

  • AI
    ## Technical Overview of the BL-R2139A Module The **BL-R2139A** is a highly integrated, low-power **Wi-Fi + Bluetooth** combo module. It is designed to provide robust wireless connectivity for IoT (Internet of Things) devices, smart home appliances, and consumer electronics. --- ### 1. Core Component Specifications The module is typically based on a Realtek chipset (often the RTL8720 or similar series). Below are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8720CF (or variant) | | **Wi-Fi Standards** | IEEE 802.11b/g/n (2.4GHz) | | **Bluetooth Standard** | Bluetooth v4.2 / v5.0 (BLE) | | **Operating Voltage** | 3.3V ± 0.3V | | **Interface** | UART, GPIO, PWM, I2C, SPI | | **Antenna Type** | On-board PCB Antenna or IPEX Connector | --- ### 2. Key Electronic Blocks The architecture of the BL-R2139A consists of several critical internal sections: 1. **Radio Frequency (RF) Frontend:** * Integrates the Power Amplifier (PA), Low Noise Amplifier (LNA), and T/R switch. * Designed for minimal interference and high sensitivity for long-range communication. 2. **Power Management Unit (PMU):** * Regulates the incoming 3.3V supply to the internal voltages required by the core logic and memory. * Supports multiple sleep modes to conserve energy in battery-powered applications. 3. **MCU Core:** * Features a high-performance 32-bit CPU that manages the wireless stacks and user-defined firmware logic. 4. **Memory:** * Contains internal SRAM and Flash memory for storing the operating system (RTOS), Wi-Fi stack, and application code. --- ### 3. Pinout and Connectivity The module is usually manufactured in a Surface Mount Device (SMD) package. Developers typically interact with it via the following pins: * **VCC/GND:** Power supply pins. * **UART_TX/RX:** Primary communication interface for sending AT commands or data. * **EN/RST:** Enable or Hardware Reset pins to reboot the module. * **GPIOs:** General Purpose Input/Output pins used for controlling LEDs, sensors, or relays. --- ### 4. Implementation Example (UART Initialization) When interfacing with a microcontroller, the electronic communication usually happens over UART: ```python # Example pseudo-code for initializing communication with BL-R2139A import machine # Configure UART: 115200 Baud, 8 bits, No Parity, 1 Stop bit uart = machine.UART(1, baudrate=115200, tx=1, rx=3) def send_command(cmd): uart.write(cmd + '\r\n') print("Response:", uart.read()) # Check module status send_command("AT+GMR") ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels in deep sleep mode for this module?
    • ⤷ Can the BL-R2139A operate in dual-band 5GHz Wi-Fi?
    • ⤷ Which specific Realtek SDK is recommended for developing custom firmware on this module?