전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BL-R313G

  • AI
    The **BL-R313G** is a high-performance, low-cost Wi-Fi module based on the **Realtek RTL8188FTV** (or RTL8188EUS in older versions) chipset. It is designed to provide wireless networking capabilities to devices via a USB 2.0 interface. Below is a detailed breakdown of its electronic parts and technical specifications. --- ## 1. Core Hardware Specifications The module integrates the MAC (Media Access Control), Baseband, and Radio Frequency (RF) components into a single compact form factor. | Feature | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTL8188FTV / RTL8188EUS | | **Interface** | USB 2.0 (Standard) | | **Wireless Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V DC (±10%) | --- ## 2. Key Internal Electronic Components ### A. RF Front-End The RF section includes a high-frequency power amplifier and a low-noise amplifier (LNA) integrated within the Realtek chip. It handles the transmission and reception of wireless signals. * **Antenna Support:** Usually features a dedicated pin for an external antenna or a built-in PCB trace antenna. ### B. Crystal Oscillator The module typically uses a **40MHz Crystal Oscillator**. This provides the necessary clock frequency for the internal processor and ensures stable radio frequency synthesis. ### C. Power Management Unit (PMU) Because the module operates at **3.3V**, it contains internal regulators to step down or stabilize voltages for the core logic (usually around 1.2V) and the I/O pads. ### D. Flash Memory / EEPROM A small internal or external serial memory chip is often present to store the **MAC address**, vendor ID (VID), and product ID (PID), ensuring the device is correctly identified by the host operating system. --- ## 3. Pin Configuration (Typical 4-6 Pin Layout) | Pin Name | Description | | :--- | :--- | | **VDD** | 3.3V Power Supply | | **USB_D-** | USB Data Negative Signal | | **USB_D+** | USB Data Positive Signal | | **GND** | Ground | | **RF_ANT** | Antenna Interface (if external) | | **CHIP_EN** | Chip Enable / Reset (High = Active) | --- ## 4. Software and Compatibility The electronic architecture is designed to be "plug-and-play" with specific drivers: * **Host Drivers:** Supports Windows 7/8/10/11, Linux (kernel-dependent), and Android. * **Security Protocols:** Integrated hardware engines for **WEP, WPA/WPA2, and WPA-PSK/WPA2-PSK** encryption. ## 5. Applications * **OTT Boxes:** Smart TV boxes and IPTV players. * **IPC Cameras:** Providing wireless connectivity for security cameras. * **Consumer Electronics:** Tablets, portable speakers, and smart appliances. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the BL-R313G in transmit mode?
    • ⤷ How do I interface the BL-R313G with an external antenna?
    • ⤷ Is the BL-R313G compatible with Raspberry Pi or similar single-board computers?