전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BL-R4138A

  • AI
    ## Overview of BL-R4138A The **BL-R4138A** is a highly integrated, low-power **Wi-Fi + Bluetooth (BLE)** combo module. It is designed primarily for IoT (Internet of Things) applications, smart appliances, and wireless sensor networks. It typically features the **Realtek RTL8720** or similar high-performance chipset. --- ### 1. Key Electronic Components & Specifications The module consists of several critical electronic sub-systems integrated into a compact PCB. | Feature | Specification / Component | | :--- | :--- | | **Main Chipset** | Realtek RTL8720 series (ARM Cortex-M4 + M0) | | **Wi-Fi Protocol** | IEEE 802.11 b/g/n (2.4GHz) | | **Bluetooth Protocol** | Bluetooth Low Energy (BLE) 4.2 / 5.0 | | **Operating Voltage** | 3.3V (±10%) | | **Interface Ports** | UART, GPIO, I2C, SPI, PWM, ADC | | **Antenna Type** | PCB On-board antenna or IPEX connector | --- ### 2. Functional Sub-systems The module's architecture can be broken down into these electronic parts: #### A. Microcontroller Unit (MCU) The heart of the module is a dual-core architecture: * **KM4 (Cortex-M4F):** Handles application-level code and complex processing. * **KM0 (Cortex-M0):** Dedicated to wireless protocol management to save power. #### B. Radio Frequency (RF) Section * **RF Switch/Balun:** Manages the signal path between the transmitter/receiver and the antenna. * **Internal LNA/PA:** Low Noise Amplifiers for reception and Power Amplifiers for transmission are integrated to ensure signal range. #### C. Power Management Unit (PMU) * The module includes internal LDOs (Low Drop-Out regulators) to convert the 3.3V input to lower internal core voltages (usually 1.1V or 1.8V). * It features deep-sleep modes where current consumption drops to the microampere ($\mu A$) range. --- ### 3. Pinout and Connectivity The BL-R4138A usually uses a surface-mount design (LGA or Stamp Hole). Common pin assignments include: 1. **VCC/GND:** Power supply pins. 2. **TX/RX:** High-speed UART for AT command control or data transmission. 3. **CHIP_EN:** Enables or disables the module (Hardware Reset). 4. **GPIOs:** General purpose pins for controlling LEDs, relays, or reading sensors. --- ### 4. Implementation Example (UART Connection) To interface the BL-R4138A with an external microcontroller (like an Arduino or STM32), the basic wiring is as follows: ```markdown [BL-R4138A] [MCU/Controller] VCC <-----> 3.3V GND <-----> GND TXD ------> RXD RXD <------ TXD ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels for the BL-R4138A in deep sleep mode?
    • ⤷ Does this module support dual-band 5GHz Wi-Fi or only 2.4GHz?
    • ⤷ Which development environment is used to program the RTL8720 chip inside this module?