전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BL-R4538C

  • AI
    The **BL-R4538C** is a highly integrated, low-cost IEEE 802.11b/g/n WLAN (Wireless Local Area Network) module. It is commonly used in consumer electronics to provide Wi-Fi connectivity via a high-speed SDIO interface. Below is a breakdown of its technical specifications and electronic components. --- ### 1. Core Technical Specifications The module is built around a single-chip solution (typically a Realtek chipset) that handles the MAC, Baseband, and Radio Frequency (RF) components. | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188CTV / RTL8188FTV (Common variants) | | **Standard** | IEEE 802.11b/g/n | | **Interface** | SDIO 1.1 / 2.0 | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate** | Up to 150 Mbps (1T1R) | | **Operating Voltage** | 3.3V ± 10% | | **Antenna Type** | External (via Pin) or PCB Trace | --- ### 2. Key Electronic Components The internal architecture of the BL-R4538C consists of several critical stages: #### A. RF Front-End * **Power Amplifier (PA):** Boosts the signal for transmission. * **Low Noise Amplifier (LNA):** Enhances weak incoming signals from the antenna while minimizing added noise. * **RF Switch:** Switches between Transmit (TX) and Receive (RX) modes. #### B. Baseband and MAC * **Digital Signal Processor (DSP):** Handles OFDM and CCK modulation/demodulation. * **Security Engine:** Hardware acceleration for WEP, WPA, WPA2, and WPA3 encryption. #### C. Power Management Unit (PMU) * The module includes internal LDOs (Low Drop-Out regulators) to convert the 3.3V input into the lower voltages required by the core logic (usually 1.1V or 1.2V). --- ### 3. Pin Configuration (SDIO Interface) The module typically uses a multi-pin surface mount design. Key pins include: 1. **VDD:** 3.3V Power Supply. 2. **GND:** Ground. 3. **SD_D0 - SD_D3:** Bidirectional data lines for the SDIO interface. 4. **SD_CLK:** Clock signal for data synchronization. 5. **SD_CMD:** Command signal line. 6. **ANT:** The RF output pin for connecting a 50-ohm antenna. 7. **CHIP_EN:** Enable/Disable pin to save power (High for active). --- ### 4. Hardware Implementation Example If you are designing a PCB for this module, the basic connection logic is as follows: ```c // Pseudo-logic for MCU initialization of BL-R4538C void wifi_init() { power_on_3V3(); // Supply power to VDD set_pin_high(CHIP_EN); // Wake up the module initialize_sdio_bus(); // Set clock and data width load_firmware(); // Driver loads firmware via SDIO } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels for the BL-R4538C in active vs standby mode?
    • ⤷ Which specific Realtek driver is required for Linux integration?
    • ⤷ Can the BL-R4538C operate in Access Point (AP) mode or only Station mode?