전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BL-R5115

  • AI
    ## Technical Overview: BL-R5115 Wi-Fi Module The **BL-R5115** is a highly integrated, low-cost IEEE 802.11 b/g/n Wi-Fi module based on the **Realtek RTL8188FTV** chipset. It is designed to provide high-speed wireless connectivity via a USB 2.0 interface, commonly used in OTT boxes, IP cameras, and smart TVs. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and performance characteristics of the module: | Feature | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTL8188FTV | | **Interface** | USB 2.0 (High Speed) | | **Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V ±0.2V | | **Antenna Type** | External (via half-hole / IPEX) | | **Dimensions** | 12.9mm x 12.2mm x 1.6mm | --- ### 2. Main Hardware Components The BL-R5115 architecture consists of several critical electronic sections: #### A. The SoC (Realtek RTL8188FTV) The heart of the module is the **RTL8188FTV**. This single-chip solution combines: * **MAC (Media Access Control):** Handles protocol logic. * **Baseband:** Processes digital signals. * **Radio (RF):** Manages the 2.4GHz transmission/reception. #### B. Power Management The module typically operates on a **3.3V DC** supply. It contains internal Low Dropout (LDO) regulators to convert voltage levels for the sensitive digital core and the RF power amplifier. #### C. RF Front End This section includes: * **Filters:** To ensure signal purity and compliance with FCC/CE regulations. * **Matching Circuitry:** A network of capacitors and inductors (LC circuit) to match the 50-ohm impedance for the antenna. #### D. Clock Source A high-precision **Crystal Oscillator** (usually 40MHz) provides the timing reference necessary for stable RF communication. --- ### 3. Pin Configuration (External Interface) The module uses a **Stamp Hole (Half-hole)** design for SMT mounting. The primary pins include: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power | 3.3V Power Supply input | | **USB_D-** | Data | USB Differential Line (Negative) | | **USB_D+** | Data | USB Differential Line (Positive) | | **GND** | Ground | Common Ground | | **RF_ANT** | RF Out | Connection for the Wi-Fi Antenna | | **CHIP_EN** | Control | Enable/Reset pin for power saving | --- ### 4. Software and Drivers As a USB-based device, the BL-R5115 requires specific software support: * **OS Support:** Windows XP/7/8/10/11, Linux, and Android. * **Driver Type:** Realtek RTL8188F Series Driver. ---
    ✨ Follow-up Questions
    • ⤷ What is the power consumption of the BL-R5115 during active transmission?
    • ⤷ Can this module support 5GHz Wi-Fi bands?
    • ⤷ How does the RTL8188FTV chipset differ from the older RTL8188EUS?