전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BL-R5133A

  • AI
    The **BL-R5133A** is a highly integrated, low-power Wi-Fi module based on the **Realtek RTL8133** chipset (or similar variants in that series). It is designed to provide wireless connectivity for consumer electronics, IoT devices, and embedded systems. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The module primarily operates in the 2.4GHz band and supports the IEEE 802.11 b/g/n standards. | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8133 / RTL8188 series compatible | | **Interface** | USB 2.0 (High Speed) | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | | **Operating Voltage** | 3.3V DC (±10%) | | **Antenna Type** | External (via I-PEX/U.FL connector) or PCB Trace | --- ## 2. Internal Electronic Architecture The BL-R5133A consists of several key functional blocks: ### A. The SoC (System on Chip) The heart of the module is the **Realtek controller**. It integrates: * **MAC (Media Access Control):** Handles the Wi-Fi protocol stack. * **Baseband Processor:** Processes digital signals. * **RF Transceiver:** Manages the conversion between digital data and radio waves. ### B. Power Management Unit (PMU) Because the module runs on 3.3V, it contains internal Low Dropout (LDO) regulators to step down the voltage for the core logic (usually 1.0V to 1.2V). This ensures stability and reduces electromagnetic interference (EMI). ### C. RF Front-End * **Power Amplifier (PA):** Boosts the signal for transmission. * **Low Noise Amplifier (LNA):** Increases the sensitivity for receiving weak signals from the router. * **Switch/Diplexer:** Alternates between transmit (TX) and receive (RX) modes. ### D. Crystal Oscillator A high-precision crystal (typically **40MHz**) provides the clock frequency necessary for the radio frequency synthesis and CPU timing. --- ## 3. Pin Configuration (Common Layout) The module usually utilizes a stamp-hole (castellated) design for surface mounting (SMT). | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power | 3.3V Main Supply Input | | **USB_D+** | Data | USB Positive Differential Signal | | **USB_D-** | Data | USB Negative Differential Signal | | **GND** | Ground | Reference Ground | | **CHIP_EN** | Enable | High for normal operation; Low for power down | | **ANT** | RF | Connection point for the Wi-Fi antenna | --- ## 4. Application Use Cases * **Smart Home:** IP Cameras, Smart Plugs, and Set-top boxes. * **Office Equipment:** Wireless printers and scanners. * **Industrial:** M2M (Machine to Machine) communication and wireless gateways. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels for BL-R5133A in transmit vs. idle mode?
    • ⤷ Does this module support Linux and Android driver integration?
    • ⤷ Can the BL-R5133A be used for Wi-Fi Direct or Soft-AP mode?