전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BL-R5331T

  • AI
    The **BL-R5331T** is a highly integrated Wi-Fi module based on the **Realtek RTL8188FTV** chipset. It is designed to provide high-speed wireless connectivity for embedded devices, consumer electronics, and IoT applications. --- ## 1. Technical Specifications The following table summarizes the key electronic characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTL8188FTV | | **Interface** | USB 2.0 (Standard/High-speed) | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Standard** | IEEE 802.11b/g/n | | **Data Rate** | Up to 150 Mbps (802.11n) | | **Operating Voltage** | 3.3V ±0.2V | | **Antenna Type** | External (via IPEX/MHF connector or Solder Pad) | | **Operating Temp** | -10°C to +70°C | --- ## 2. Key Electronic Components The module is composed of several critical internal components that handle the radio frequency (RF) and data processing: ### A. RTL8188FTV SoC This is the "brain" of the module. It integrates the MAC (Media Access Control), a 1T1R (1 Transmit, 1 Receive) Baseband, and the RF Frontend into a single CMOS chip. ### B. RF Frontend * **Power Amplifier (PA):** Boosts the signal for transmission. * **Low Noise Amplifier (LNA):** Increases the sensitivity for receiving weak signals from the router. * **Synthesizer:** Generates the precise 2.4GHz frequencies required for Wi-Fi channels. ### C. Power Management Unit (PMU) The module includes internal LDOs (Low Dropout Regulators) that convert the 3.3V input into the lower voltages required by the core logic and RF circuitry. --- ## 3. Pinout and Interface The module typically uses a small-form-factor PCB with the following pin assignments for integration: 1. **VDD (3.3V):** Main DC power supply. 2. **USB_D-:** USB Differential Data Negative. 3. **USB_D+:** USB Differential Data Positive. 4. **GND:** Common Ground. 5. **CHIP_EN:** Hardware enable/reset pin (Active high). --- ## 4. Features and Security * **Transmission Power:** Supports high-power transmission for better range (approx. 17dBm for 802.11b). * **Security Protocols:** Supports WPA-PSK/WPA2-PSK, WPA/WPA2, and WEP 64/128-bit encryption. * **OS Support:** Compatible with Windows (XP/7/8/10/11), Linux, and Android drivers.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels for the BL-R5331T during transmit and idle modes?
    • ⤷ Does this module support Wi-Fi Direct or Soft AP mode?
    • ⤷ What are the physical dimensions and mounting requirements for this PCB module?