BL-RUB139B
AI

The **BL-RUB139B** is a specific electronic component typically categorized as an **LED (Light Emitting Diode)** device, often used in indicator panels, displays, or as a backlight source. It is manufactured by Betlux Electronics.
---
### 1. Technical Specifications
Below are the typical technical parameters associated with this component type:
| Parameter | Description | Typical Value |
| :--- | :--- | :--- |
| **Component Type** | Rectangular LED Lamp | LED |
| **Emitted Color** | Ultra Bright Red | 630nm - 660nm |
| **Lens Appearance** | Water Clear / Color Diffused | Varies by sub-model |
| **Forward Voltage ($V_f$)** | Typical Operating Voltage | 1.8V - 2.2V |
| **Forward Current ($I_f$)** | Standard Operating Current | 20mA |
| **Luminous Intensity** | Brightness level | 50 - 150 mcd |
| **Viewing Angle** | Spread of light | 100° - 120° |
---
### 2. Key Features
* **Form Factor:** It usually features a rectangular shape ($2 \times 5 \times 7$ mm is common for this series), making it ideal for stackable bar graphs or flush-mount panel indicators.
* **Low Power Consumption:** Operates efficiently at low currents, making it compatible with CMOS/TTL drive circuits.
* **Durability:** Solid-state reliability with a long operational life (often 100,000+ hours).
* **IC Compatibility:** Can be easily driven by microcontrollers (like Arduino or ESP32) using a simple current-limiting resistor.
---
### 3. Pin Configuration and Circuitry
The device follows a standard Diode polarity:
1. **Anode (+):** The longer lead. Connects to the positive voltage source through a resistor.
2. **Cathode (-):** The shorter lead, often marked by a flat edge on the LED body. Connects to the ground (GND).
#### Basic Connection Formula
To calculate the necessary resistor ($R$):
```text
R = (Source Voltage - Forward Voltage) / Forward Current
Example for 5V supply:
R = (5V - 2.0V) / 0.02A = 150 Ohms
```
---
### 4. Common Applications
* **Status Indicators:** Power ON/OFF lights on consumer electronics.
* **Bar Graph Displays:** Stacked together to show levels (volume, battery, signal).
* **Backlighting:** Illuminating small LCD screens or membrane switches.
* **Control Panels:** Industrial machinery interfaces.
- ⤷What is the exact physical dimension of the BL-RUB139B?
- ⤷ How do I calculate the resistor value for a 12V system?
- ⤷ Does this model come in other colors like Green or Blue?