전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BM-R

  • AI
    It appears you are referring to the **BM-R series**, which typically relates to specific industrial electronic components such as **Electronic Overload Relays** (often from manufacturers like Mitsubishi or Schneider) or **RF Control Modules**. Below is a breakdown of the electronic parts and functional characteristics common to these devices. --- ### 1. Typical Internal Components The BM-R series (specifically Thermal/Electronic Overload Relays) consists of several key electronic and mechanical subsystems: | Part Name | Function | Material/Type | | :--- | :--- | :--- | | **Bimetal Strips** | Detects overcurrent by bending when heated. | Thermostatic Bimetal | | **Heater Element** | Converts electrical current into heat for the bimetal. | Nichrome / Resistance Wire | | **Auxiliary Contacts** | Provides signal output (1NO + 1NC) for control circuits. | Silver Alloy Contacts | | **Current Transformer (CT)** | (In electronic versions) Scales down high current for monitoring. | Toroidal Coil | | **Trip Mechanism** | Mechanically disconnects the circuit upon fault detection. | Spring-loaded Lever | --- ### 2. Functional Features of BM-R Series Electronic relays in this category are designed for motor protection and industrial automation. * **Adjustment Dial:** A potentiometer or mechanical dial allows the user to set the full-load current (FLA) of the motor. * **Trip Class:** Usually supports Class 10 or 20, defining how quickly the device trips under a locked-rotor condition. * **Reset Module:** Features a toggle for **Manual** or **Automatic** reset modes. * **Phase Loss Protection:** Specialized circuitry that detects an imbalance or loss of one phase in a 3-phase system. --- ### 3. Technical Specifications (Example) If your BM-R refers to a standard Mitsubishi-type Thermal Overload Relay, the specs are generally as follows: ```yaml Product_Type: Thermal Overload Relay Model_Prefix: BM-R (e.g., TH-N series compatible) Number_of_Poles: 3 Rated_Voltage: Up to 690V AC Frequency: 50/60 Hz Protection_Functions: - Overload - Locked Rotor - Phase Failure ``` --- ### 4. Important Considerations for Replacement When dealing with these electronic parts, ensure the following parameters match your existing system: 1. **Current Range:** Ensure the setting range (e.g., 2.8A - 4.4A) encompasses your motor's nameplate rating. 2. **Mounting Type:** Confirm if it is "Independent DIN Rail Mount" or "Contactor Mount" (Directly plugs into a magnetic contactor). 3. **Coil Voltage:** Check the voltage rating of the auxiliary contacts to ensure compatibility with your PLC or Control Transformer.
    ✨ Follow-up Questions
    • ⤷ Are you referring specifically to the Mitsubishi TH-N / BM-R series for motor protection?
    • ⤷ Do you need a wiring diagram for the auxiliary contacts (95/96 and 97/98)?
    • ⤷ Is this part being used in an RF remote control application (BM-R series modules)?