전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BML0603-R82K

  • AI
    The **BML0603-R82K** is a surface-mount multilayer ferrite chip inductor, commonly used in high-frequency filtering and signal conditioning circuits. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its technical specifications: | Segment | Value | Meaning | | :--- | :--- | :--- | | **BML** | Series | Multilayer Ferrite Chip Inductor (General Purpose) | | **0603** | Size Code | 0.6mm x 0.3mm (EIA 0201 equivalent) | | **R82** | Inductance | 0.82 Microhenries ($\mu H$) | | **K** | Tolerance | $\pm 10\%$ | --- ### 2. Technical Specifications These components are designed for low-power signal applications rather than high-power energy storage. * **Inductance:** $0.82 \mu H$ * **Tolerance:** $\pm 10\%$ * **Self-Resonant Frequency (SRF):** Typically high, allowing for effective operation in the VHF/UHF bands. * **DC Resistance (DCR):** Usually measured in Ohms ($\Omega$); lower values are preferred to minimize signal loss. * **Rated Current:** Generally in the range of $5mA$ to $50mA$ (dependent on the specific manufacturer like Chilisin or TDK). --- ### 3. Key Characteristics * **Multilayer Construction:** Uses printed layers of conductive paste and ferrite material, co-fired into a monolithic structure. This provides high reliability and magnetic shielding. * **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and electromagnetic interference (EMI) with neighboring components. * **Miniaturization:** The 0603 (metric) / 0201 (inch) footprint is ideal for high-density mobile devices. --- ### 4. Common Applications Due to its small size and inductance value, the BML0603-R82K is typically found in: 1. **EMI Suppression:** Filtering noise in high-speed data lines. 2. **RF Circuits:** Impedance matching and decoupling in cellular phones, WLAN modules, and Bluetooth devices. 3. **Signal Conditioning:** Smoothing small signal fluctuations in sensitive analog circuits. --- ### 5. Equivalent Footprint (Metric vs. Imperial) *Note: Be careful with the "0603" designation, as it can be confusing depending on the standard used.* | Standard | Length (L) | Width (W) | | :--- | :--- | :--- | | **Metric (0603)** | 0.6 mm | 0.3 mm | | **Imperial (0201)** | 0.024 in | 0.012 in |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ferrite bead and a multilayer inductor like the BML0603?
    • ⤷ How does the self-resonant frequency affect its performance in RF circuits?
    • ⤷ What are the recommended soldering profiles for 0603 metric components?