전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BPDV3320-RQ-VM-FP

  • AI
    The **BPDV3320-RQ-VM-FP** is a high-performance **Balanced Photodetector (BPD)** module, typically manufactured by Finisar (now II-VI Incorporated). It is designed for ultra-high-speed optical communication systems, particularly coherent detection systems. --- ### ## Technical Specifications Overview The electronic components within this module are optimized for high bandwidth and low noise. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Bandwidth** | Up to 70 GHz | Supports ultra-fast signal processing. | | **Detector Type** | Balanced InGaAs PD | Indium Gallium Arsenide for high sensitivity. | | **Wavelength Range** | 1530 nm – 1610 nm | C-Band and L-Band fiber applications. | | **Responsivity** | ~0.5 A/W | Efficiency of converting photons to electrons. | | **Output Type** | Differential / RF | Connects via high-frequency V-connectors. | --- ### ### Key Electronic Components & Architecture 1. **Dual Photodiodes (Balanced Pair):** * The core consists of two matched high-speed InGaAs photodiodes. * **Function:** They convert optical signals into electrical currents. By "balancing" them, the module cancels out Common Mode Noise (like laser relative intensity noise) while doubling the signal strength. 2. **Internal RF Circuitry:** * The module integrates high-frequency transmission lines designed for 50-ohm impedance matching. * **Termination:** Includes internal bias tees and termination resistors to minimize signal reflections at the 70 GHz frequency range. 3. **The "VM-FP" Suffix Details:** * **VM (V-Connector):** Refers to the physical RF interface. V-connectors (1.88 mm) are used to handle the massive 70 GHz bandwidth without significant attenuation. * **FP (Fiber Pigtailed):** Indicates that the light enters through a fixed optical fiber pigtail rather than a pluggable receptacle. 4. **DC Bias Protection:** * The internal electronics include decoupling capacitors and protection circuits to ensure that the photodiode biasing is stable and protected from external electrical surges. --- ### ### Typical Application Circuit The module is usually integrated into a Coherent Receiver system as shown below: ```mermaid graph LR A[Optical Hybrid] --> B[Input 1: Signal] A --> C[Input 2: Local Osc.] B --> D[BPDV3320 Photodiodes] C --> D D --> E[RF Output V-Connector] E --> F[High-Speed ADC/DSP] ``` ### ### Electronic Integration Requirements To utilize this part, the following electronic considerations are necessary: * **Voltage Supply:** Requires a precise DC bias (typically around 2V to 3V) to the photodiodes. * **Thermal Management:** Because it operates at such high frequencies, maintaining a stable temperature is critical for responsivity consistency. * **Signal Integrity:** Must be connected to a PCB or Scope using high-quality phase-matched RF cables to prevent signal skew. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between single-ended and balanced photodetection in this module?
    • ⤷ What are the specific power supply requirements for the BPDV3320?
    • ⤷ How does the Common Mode Rejection Ratio (CMRR) affect its performance?