전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BQ20Z655-R1

  • AI
    ## Overview of BQ20Z655-R1 The **BQ20Z655-R1** is a high-performance, SBS-compliant (Smart Battery System) gas gauge and protection IC designed for 2-series to 4-series cell Li-Ion and Li-Polymer battery packs. It utilizes Texas Instruments' proprietary **Impedance Track™** technology to provide highly accurate predictions of remaining battery capacity. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Cell Configuration** | 2 to 4 Series Li-Ion/Polymer cells | | **Communication** | SMBus v1.1 Interface | | **Gauging Technology** | Impedance Track™ (Resistive compensation) | | **Current Sensing** | High-side sensing using a Shunt Resistor | | **Package** | 30-pin TSSOP (DBT) | | **Operating Voltage** | 3.0V to 25V | --- ### 2. Core Functional Components The internal architecture consists of several specialized blocks: #### A. The Gas Gauge Engine The heart of the IC is the **Impedance Track™ engine**. Unlike traditional Coulomb counters, it measures the battery's internal impedance in real-time. This allows the IC to account for: * Battery aging (SOH - State of Health). * Temperature variations. * Discharge rate variations. #### B. Analog Front End (AFE) The device includes an integrated AFE that monitors: * **Voltage:** Individual cell voltages (for balancing and protection). * **Current:** Charge and discharge currents via a low-resistance sense resistor. * **Temperature:** Support for multiple NTC thermistors. #### C. Safety and Protection The BQ20Z655-R1 provides multi-level protection against: * Overcharge (Voltage and Current). * Over-discharge (Voltage). * Short-circuit conditions. * Thermal runaway (Over-temperature). * Cell imbalance. --- ### 3. Peripheral Hardware Requirements To implement this part in a circuit, several external components are required: 1. **Sense Resistor ($R_{SENSE}$):** Typically a 5mΩ to 20mΩ high-precision resistor used to measure current. 2. **Charge/Discharge FETs:** N-Channel MOSFETs controlled by the IC to disconnect the battery in case of a fault. 3. **Cell Balancing Circuitry:** Passive components (resistors/capacitors) to bleed off excess charge from specific cells. 4. **Chemical Fuse:** A secondary safety mechanism that the IC can blow permanently if a catastrophic failure is detected. --- ### 4. Implementation Example (Simplified Pins) ```c // SMBus typical communication flow 1. Request Device Type -> Returns 0x0655 2. Read State of Charge (SOC) -> Returns percentage (%) 3. Read Remaining Capacity -> Returns mAh 4. Read Full Charge Capacity -> Returns mAh (updates with aging) ``` --- ### 5. Benefits of the "-R1" Version The "R1" suffix indicates a revision that includes optimized firmware for better stability, improved LED display support (up to 5 segments), and enhanced SBS data reporting compared to the original version.
    ✨ Follow-up Questions
    • ⤷What are the main differences between Impedance Track and standard Coulomb counting?
    • ⤷ How do you calibrate the BQ20Z655-R1 for a specific battery chemistry?
    • ⤷ Can the BQ20Z655-R1 be used for single-cell (1S) applications?