전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BTF-37NRCS-O2-P

  • AI
    The **BTF-37NRCS-O2-P** is a specialized high-performance coaxial connector, primarily used in RF (Radio Frequency) and high-speed data transmission applications. These components are typically found in automotive, telecommunications, and industrial automation sectors. --- ### 1. Component Specification Overview Based on standard nomenclature for this series, here are the technical specifications: | Feature | Description | | :--- | :--- | | **Connector Type** | Fakra / Coaxial RF Connector | | **Mounting Style** | PCB Mount (Vertical/Straight) | | **Impedance** | 50 Ohms (Standard for RF) | | **Frequency Range** | DC up to 6 GHz | | **Contact Plating** | Gold or Tin over Nickel | | **Coding** | Coding "O" (Light Green) | | **Orientation** | Parallel/Straight (Plug/Male) | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details regarding the physical and electrical design: * **BTF-37**: Indicates the series or physical housing dimensions. * **NRCS**: Refers to the internal contact configuration and material (Non-Reverse, Conductive, Shielded). * **O2**: Refers to the **Mechanical Coding**. In FAKRA standards, color-coding and physical keys prevent incorrect connections. Coding "O" is typically associated with light green housings. * **P**: Stands for **Plug** (Male) or specialized Packaging/Plating specifications. --- ### 3. Key Electronic Characteristics #### A. Signal Integrity The component is designed to maintain a stable 50-ohm impedance environment. This minimizes **Return Loss** and **Insertion Loss**, which are critical when transmitting high-frequency signals like GPS, GSM, or Wi-Fi signals in a vehicle. #### B. Mechanical Robustness * **Locking Mechanism:** Features a secure snap-on locking system to withstand high vibration environments. * **Shielding:** The outer shell acts as a Faraday cage to prevent Electromagnetic Interference (EMI) from affecting the signal. #### C. PCB Integration This specific part is designed for automated assembly: ```json { "Assembly_Type": "Surface Mount (SMT) or Through-Hole (THT)", "Process_Compatibility": "Lead-free soldering / Reflow compatible", "Durability": "Minimum 25 mating cycles" } ``` --- ### 4. Typical Applications * **Automotive Infotainment:** Connecting antennas for radio and satellite. * **ADAS (Advanced Driver Assistance Systems):** Routing data from cameras and sensors. * **Telematics Units:** Interfacing with cellular modules (LTE/5G).
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency response limits for the BTF series?
    • ⤷ Which mechanical coding letters are compatible with Coding O?
    • ⤷ What is the recommended footprint for soldering this part onto a PCB?