전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BW1F-R100JBQ

  • AI
    The **BW1F-R100JBQ** is a specific type of power resistor manufactured by **RCD Components**. It belongs to the BW series, which are wirewound resistors designed for precision and power handling in a compact form factor. ### 1. Part Number Breakdown To understand the component, we can deconstruct the part number: | Segment | Meaning | Description | | :--- | :--- | :--- | | **BW1F** | Series & Style | 1-Watt Flameproof Wirewound Resistor | | **R100** | Resistance Value | 0.100 $\Omega$ (100 m$\Omega$) | | **J** | Tolerance | $\pm 5\%$ | | **B** | Packaging | Bulk Packaging | | **Q** | Special Option | Compliance/Lead-free standard | --- ### 2. Technical Specifications The following table highlights the typical electrical and physical characteristics of this part: | Characteristic | Specification | | :--- | :--- | | **Resistor Type** | Wirewound | | **Power Rating** | 1 Watt at 25°C or 70°C (depending on derating) | | **Resistance** | 0.1 $\Omega$ | | **Tolerance** | $\pm 5\%$ | | **Construction** | Ceramic core with wound resistive wire | | **Coating** | Flameproof silicone/cement coating | | **Termination** | Axial Leaded | --- ### 3. Key Features and Applications * **Flameproof Construction:** The "F" in the series indicates a flameproof coating. In the event of a catastrophic overload, the resistor will open without bursting into flames or emitting significant smoke. * **Low Inductance:** While wirewound resistors are typically inductive, the BW series is optimized for stability. * **High Pulse Capability:** Because it is a wirewound component, it can handle significant energy surges better than thin-film or thick-film resistors. #### Common Uses: * **Current Sensing:** The low resistance (0.1 $\Omega$) makes it ideal for measuring current in power supplies. * **Inrush Current Limiting:** Protecting circuits from initial power spikes. * **Snubber Circuits:** Used in switching power supplies to dissipate energy from voltage spikes. --- ### 4. Circuit Symbol and Implementation In a schematic, this is represented as a standard resistor. ```markdown R1 (BW1F-R100JBQ) ----[ \/\/\/\ ]---- 0.1 Ohm, 1W ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wirewound and metal film resistors?
    • ⤷ How do I calculate the maximum current this resistor can handle?
    • ⤷ Are there surface-mount (SMD) equivalents for the BW1F series?