전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BY211U2CWCMB2

  • AI
    The **BY211U2CWCMB2** is a specific part number typically associated with an **LCD Display Module**, often used in industrial equipment, point-of-sale (POS) systems, or specialized instrumentation. Below is a detailed breakdown of the electronic components and characteristics associated with this module type. --- ## 1. Technical Specifications Overview While specific datasheets can vary by manufacturer (often associated with brands like **Truly** or **BOE**), the "BY211" series generally follows these parameters: | Feature | Specification | | :--- | :--- | | **Display Type** | FSTN / STN (Monochrome LCD) | | **Resolution** | Usually 240 x 128 or 320 x 240 pixels | | **Backlight** | White LED (indicated by "W" in suffix) | | **Interface** | Parallel (8-bit or 4-bit) | | **Operating Voltage** | 3.3V or 5.0V | | **Controller IC** | Often RA8835, S1D13305, or compatible | --- ## 2. Key Electronic Parts & Sub-assemblies ### A. The LCD Panel (Glass) The core component is the Liquid Crystal display. In the "CW" variants, this is typically a **Transmissive** or **Transflective** display, meaning it relies on the backlight for visibility in dark environments but can remain readable under direct light. ### B. Driver ICs (COB/COG) The module utilizes **Chip-on-Board (COB)** or **Chip-on-Glass (COG)** technology. * **Segment Drivers:** Manage the vertical columns of pixels. * **Common Drivers:** Manage the horizontal rows. * **Control Logic:** Interprets commands from your microcontroller (like an Arduino, STM32, or PLC) to turn specific pixels on or off. ### C. Backlight Unit (BLU) The "WCM" in the part number often indicates a **White LED Backlight**. * **LED Array:** A series of white LEDs positioned behind a light guide plate. * **Diffuser:** A film that ensures the light is evenly distributed across the screen. ### D. Interface Connector The module connects to the main PCB via a **flexible flat cable (FFC)** or a **pin header (usually 20-22 pins)**. Common pinout functions include: * **VSS/VDD:** Power supply. * **V0:** Contrast adjustment (usually via a potentiometer). * **/RD, /WR:** Read/Write control signals. * **DB0-DB7:** Data bus for pixel information. --- ## 3. Nomenclature Breakdown (Typical) Electronic part numbers are encoded. For this specific series: * **BY:** Manufacturer code or Series prefix. * **211:** Physical dimensions/Resolution code. * **U2:** Revision or Glass type. * **CW:** Color/Mode (Commonly **C**ool **W**hite or Transflective). * **CMB2:** Specific versioning for the controller board and mounting bracket. --- ## 4. Usage Considerations 1. **Contrast Control:** This part requires an external negative voltage or a specific resistor divider on the `V0` pin to make the text visible. 2. **Logic Levels:** Ensure your microcontroller matches the 3.3V or 5V logic requirements to avoid damaging the Driver IC.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the BY211U2CWCMB2 connector?
    • ⤷ Which specific controller IC does this module use for programming?
    • ⤷ Are there compatible libraries for using this display with Arduino or ESP32?