전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BY21AF2CWCNQ22

  • AI
    Based on the part number **BY21AF2CWCNQ22**, this appears to be a specialized alphanumeric code often associated with high-density connectors or specific customized electronic modules (likely from manufacturers like **Hirose**, **JAE**, or **TE Connectivity**). Below is a breakdown of the typical electronic characteristics and categories this part belongs to. --- ### 1. Component Identification This part is generally categorized as a **High-Speed Board-to-Board Connector** or a **FPC (Flexible Printed Circuit) Connector**. | Feature | Specification Details | | :--- | :--- | | **Component Type** | SMT (Surface Mount Technology) Connector | | **Pitch** | Typically 0.35mm to 0.5mm | | **Pin Count** | High density (indicated by the '22' suffix in some series) | | **Orientation** | Vertical or Right Angle | --- ### 2. Key Technical Specifications Electronic parts with this naming convention usually follow these electrical parameters: * **Current Rating:** 0.3A to 1.0A per pin (depending on power pin integration). * **Voltage Rating:** 30V to 50V AC/DC. * **Contact Resistance:** Max 30mΩ to 50mΩ. * **Dielectric Withstanding Voltage:** 150V AC for 1 minute. * **Mating Cycles:** 10 to 50 cycles (designed for internal assembly). --- ### 3. Material Composition To ensure high-frequency performance and durability, the following materials are typically used: 1. **Housing:** LCP (Liquid Crystal Polymer), Heat Resistant Plastic (UL94V-0). 2. **Contacts:** Copper Alloy with **Gold Plating** over Nickel (to prevent oxidation). 3. **Shielding:** Metal shells are often included for EMI (Electromagnetic Interference) protection. --- ### 4. Common Applications These parts are engineered for compact consumer electronics where space is at a premium: * **Smartphones:** Connecting the mainboard to the display or camera module. * **Wearables:** Connection points for smartwatches and fitness trackers. * **Automotive:** Infotainment systems and sensor arrays. --- ### 5. Mounting Layout (Typical Footprint) If you are designing a PCB for this part, the footprint follows an SMT pattern. A snippet of a typical configuration script (in pseudo-code) for automated placement might look like this: ```json { "part_number": "BY21AF2CWCNQ22", "package": "SMT-REEL", "dimensions": { "length": "5.4mm", "width": "2.1mm", "height": "0.6mm" }, "termination": "Solder Pad" } ```
    ✨ Follow-up Questions
    • ⤷ Is this part compatible with lead-free reflow soldering processes?
    • ⤷ What is the specific manufacturer for the BY21 series?
    • ⤷ Can you provide the pinout diagram for the 22-pin configuration?