전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BYD71C

  • AI
    The **BYD71C** (often appearing in full as the **BYD71C02** or similar variants) is a specialized integrated circuit (IC) primarily used in battery management systems (BMS) and small electronic device protection. It is a high-precision, low-power battery protection chip developed by BYD Microelectronics. Below is a detailed breakdown of its electronic specifications and functions. --- ### 1. General Specifications The BYD71C is designed specifically for **1-cell Lithium-ion or Lithium-polymer** batteries. It monitors voltage and current to ensure the battery operates within safe limits. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Operating Voltage** | 1.5V – 5.5V | Voltage range for normal operation. | | **Quiescent Current** | ~3.0 µA | Low power consumption during active monitoring. | | **Shutdown Current** | < 0.1 µA | Power draw when the battery is critically low. | | **Package Type** | SOT-23-6 | Standard 6-pin surface mount package. | --- ### 2. Core Protective Functions The chip provides four primary protection mechanisms to prevent battery damage or thermal runaway: * **Overcharge Protection:** Detects if the voltage exceeds a safe threshold (e.g., 4.2V - 4.3V) and cuts off the charging path. * **Over-discharge Protection:** Prevents the battery from dipping below a critical voltage (e.g., 2.4V - 2.8V) to avoid permanent chemical damage. * **Overcurrent Protection:** Monitors the discharge current; if the load is too high, it disconnects the output. * **Short Circuit Protection:** A rapid-response mode that shuts down the circuit if a direct short is detected across the terminals. --- ### 3. Pin Configuration (SOT-23-6) Typical pinout for the BYD71C series: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **DO** | Discharge MOSFET gate connection. | | 2 | **VM** | Voltage monitor pin (detects overcurrent/short). | | 3 | **CO** | Charge MOSFET gate connection. | | 4 | **NC** | No internal connection. | | 5 | **VDD** | Power supply (Positive terminal). | | 6 | **VSS** | Ground (Negative terminal). | --- ### 4. Application Logic The BYD71C works by controlling two external **N-Channel MOSFETs**. 1. **Charging State:** The `CO` pin stays high, keeping the charge FET closed. 2. **Discharging State:** The `DO` pin stays high, keeping the discharge FET closed. 3. **Fault State:** If the IC detects a fault (e.g., voltage too high), it pulls the corresponding pin (CO or DO) low, opening the circuit and stopping the flow of electricity. ### 5. Common Use Cases * **Mobile Phone Batteries:** Integrated directly into the battery protection board (PCM). * **Wearable Devices:** Smartwatches and fitness trackers. * **IoT Sensors:** Low-power wireless nodes powered by Li-Po cells. ---
    ✨ Follow-up Questions
    • What are the differences between the BYD71C and the DW01 protection IC?
    • How do you calculate the overcurrent threshold using the BYD71C?
    • Can the BYD71C be used for multi-cell (2S or 3S) battery packs?