전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • BZT52G-CB2-R

  • AI
    The **BZT52G-CB2-R** is a specific surface-mount Zener diode. It is widely used in electronic circuits for voltage regulation, surge protection, and voltage clamping. --- ## 1. Component Identification The part number can be broken down to understand its characteristics: * **BZT52G**: The series identifier (Standard Zener diode in a SOD-123 or similar small-outline package). * **C**: Indicates the tolerance (typically ±5%). * **B2**: Represents the nominal Zener voltage (in this case, **2.0 Volts**). * **R**: Usually refers to the packaging method (Tape & Reel). --- ## 2. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Zener Voltage ($V_z$)** | 2.0 V | The voltage at which the diode begins to conduct in reverse bias. | | **Power Dissipation ($P_d$)** | 350 mW - 500 mW | Total power the device can handle (varies by manufacturer). | | **Package Type** | SOD-123 | A small, surface-mount plastic package. | | **Tolerance** | ±5% | The range of variance for the Zener voltage. | | **Operating Temperature** | -65°C to +150°C | The thermal range the component can safely operate in. | --- ## 3. Functional Electronics Principles ### Reverse Bias Operation Unlike standard diodes that block current in reverse, the BZT52G-CB2-R is designed to "break down" at exactly **2.0V**. Once the input voltage exceeds this threshold, the diode allows current to flow through it to ground, maintaining a stable 2.0V across its terminals. ### Circuit Applications 1. **Voltage Regulation:** Providing a constant 2.0V reference for microcontrollers or sensors. 2. **Overvoltage Protection:** Acting as a "shunt" to protect sensitive components from spikes exceeding 2V. 3. **Clipping Circuits:** Used in waveform shaping to prevent signals from going above a specific voltage level. --- ## 4. Typical Schematic Usage When using this part, it is always placed in **parallel** with the load and requires a **series resistor ($R_s$)** to limit the current and prevent the diode from overheating. ```text Input Voltage (Vin) | [ Resistor (Rs) ] | +----------o Output (2.0V Stable) | | [Zener] [Load] | | GND GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the BZT52C and BZT52B series?
    • ⤷ How do I calculate the correct series resistor value for this Zener diode?
    • ⤷ Can this diode be used for high-speed signal protection?