전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • C10-R27K-

  • AI
    The alphanumeric string **C10-R27K** typically follows a standard naming convention used in electronic component manufacturing, most commonly associated with **Capacitors** or **Resistor Networks**. Below is a detailed breakdown of what these parts represent based on industry-standard labeling. --- ### 1. Typical Part Breakdown Depending on the manufacturer (such as Murata, TDK, or Panasonic), the code is usually parsed as follows: | Segment | Identification | Meaning | | :--- | :--- | :--- | | **C10** | **Series / Case Size** | Often denotes a "C" type capacitor or a specific physical size (e.g., 0603 or 1005 metric). | | **R27** | **Value** | The "R" acts as a decimal point. In this case, **0.27**. | | **K** | **Tolerance** | Industry standard for **±10%**. | --- ### 2. Detailed Technical Specifications #### A. If it is a Capacitor (Most Likely) In the context of Ceramic Capacitors (MLCCs), "R27" usually refers to the capacitance value in Picofarads (pF). * **Value:** 0.27 pF. * **Tolerance (K):** ±10%. * **Application:** High-frequency RF circuits, tuning, or impedance matching where extremely low capacitance is required. #### B. If it is a Resistor If this part number refers to a resistor (often found in power resistors or precision chips): * **Value:** 0.27 Ohms ($\Omega$). * **Tolerance (K):** ±10%. * **Application:** Current sensing or shunting, as it provides very low resistance to measure voltage drops without significantly affecting the circuit. --- ### 3. Summary Table: Comparison | Feature | Value (Capacitor) | Value (Resistor) | | :--- | :--- | :--- | | **Base Unit** | Farads (F) | Ohms ($\Omega$) | | **Numeric Value** | 0.27 pF | 0.27 $\Omega$ | | **Tolerance** | ±10% | ±10% | | **Common Use** | RF Filtering | Current Sensing | --- ### 4. Code Reading Tip When you see an **"R"** in the middle of a three-digit code: * **R10** = 0.10 * **2R2** = 2.2 * **R27** = 0.27 If there is no "R" and the code is **273**, it follows the multiplier rule: $27 \times 10^3 = 27,000$.
    ✨ Follow-up Questions
    • ⤷How can I confirm if this is a capacitor or a resistor using a multimeter?
    • ⤷ What are the common physical sizes for C10 series components?
    • ⤷ What does a 'J' tolerance signify compared to the 'K' in this part?