전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • C20-R039K-

  • AI
    The part number **C20-R039K** typically refers to a **High-Precision Shunt Resistor** or a **Current Sense Resistor**. These components are specifically designed to measure current by monitoring the voltage drop across a known resistance. --- ### 1. Part Number Breakdown While specific manufacturers (like Isabellenhütte or Ohmite) may have slight variations, the code generally follows this logic: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **C20** | **Series / Case Size** | Often refers to a specific physical footprint (e.g., 2010 or 2512 SMD size) or a proprietary series. | | **R039** | **Resistance Value** | The "R" acts as a decimal point. **0.039 Ohms** (39 mΩ). | | **K** | **Tolerance** | Represents a **±10%** tolerance rating. | --- ### 2. Technical Specifications These parts are engineered for stability and heat dissipation. Common characteristics for this type of component include: * **Type:** Metal Plate or Thick Film Shunt Resistor. * **Resistance:** 39 milliohms (low resistance to minimize power loss). * **Power Rating:** Typically ranges from **1W to 3W** depending on the specific package size. * **Temperature Coefficient (TCR):** Usually very low (e.g., <50 ppm/°C) to ensure accuracy as the part heats up. * **Mounting Type:** Surface Mount (SMD). --- ### 3. Common Applications Because the resistance is so low, this part is not used for standard current-limiting; instead, it is used for **Current Sensing**: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion batteries. 2. **Motor Control:** Detecting over-current conditions to protect the motor. 3. **DC-DC Converters:** Providing feedback loops for power supply regulation. 4. **Automotive Electronics:** Used in electronic power steering or braking systems. --- ### 4. Implementation Example In a circuit, the **C20-R039K** is placed in series with the load. You measure the voltage across it ($V$) and use Ohm's Law ($I = V/R$) to calculate the current flow. ```python # Example calculation for 100mV measured across C20-R039K voltage_drop = 0.100 # 100 mV resistance = 0.039 # 39 mOhms current = voltage_drop / resistance print(f"Measured Current: {current:.2f} Amps") # Output: 2.56 Amps ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for this specific C20 series resistor?
    • ⤷ Can I substitute a 5% tolerance (J) resistor for this 10% (K) part?
    • ⤷ How does temperature affect the accuracy of a 39mOhm shunt resistor?