전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • C2B-R

  • AI
    The **C2B-R** (commonly referred to as the **C2B-R Series**) is a specialized series of **NTC (Negative Temperature Coefficient) Thermistors**. These are passive electronic components whose resistance decreases as the temperature increases. They are primarily used for temperature sensing, compensation, and control in various industrial and consumer applications. --- ### 1. Key Electronic Specifications The performance of a C2B-R component is defined by several critical electrical parameters: | Parameter | Description | Typical Value/Range | | :--- | :--- | :--- | | **Resistance ($R_{25}$)** | Resistance value at 25°C | $10\text{k}\Omega$ to $100\text{k}\Omega$ (standard) | | **B-Constant** | The index of the resistance-temperature slope | $3435\text{K}$ to $4500\text{K}$ | | **Tolerance** | Accuracy of the resistance value | $\pm 1\%, \pm 3\%, \pm 5\%$ | | **Operating Temp** | Thermal range the part can withstand | $-40\text{°C}$ to $+125\text{°C}$ | | **Dissipation Factor** | Power needed to raise temp by 1°C | Approx. $2.0 \text{ to } 5.0\text{ mW/°C}$ | --- ### 2. Physical Construction The "R" in the suffix often denotes specific packaging styles (such as Radial leads or Reel packaging). * **Material:** Composed of metal oxide ceramics (Manganese, Nickel, Cobalt). * **Coating:** Typically encapsulated in **Epoxy Resin** or **Glass** for moisture resistance and electrical insulation. * **Leads:** Tin-plated copper wires (radial configuration) for easy Through-Hole Mounting (THT) on PCBs. --- ### 3. Functional Working Principle The C2B-R operates based on the **Steinhart-Hart equation**. As the ambient temperature rises, the thermal energy allows more charge carriers to move within the ceramic semiconductor material, lowering its electrical resistance. ```python # Simplified Resistance-Temperature Relationship (Python) import math def calculate_resistance(r_ref, b_const, t_celsius): t_kelvin = t_celsius + 273.15 t_ref_kelvin = 25 + 273.15 # Formula: R = R25 * exp(B * (1/T - 1/T25)) resistance = r_ref * math.exp(b_const * (1/t_kelvin - 1/t_ref_kelvin)) return resistance # Example: 10k Ohm thermistor at 50°C print(f"Resistance at 50C: {calculate_resistance(10000, 3950, 50):.2f} Ohms") ``` --- ### 4. Common Applications 1. **Battery Management Systems (BMS):** Monitoring the temperature of Li-ion cells during charging. 2. **HVAC Systems:** Airflow temperature sensing in air conditioning units. 3. **Home Appliances:** Overheat protection in coffee makers, toasters, and microwave ovens. 4. **Automotive:** Engine coolant or cabin air temperature monitoring. ---
    ✨ Follow-up Questions
    • ⤷What are the differences between the C2B-R and C2B-G glass-encapsulated versions?
    • ⤷ How do I calculate the Beta value for a specific C2B-R thermistor?
    • ⤷ What circuit configurations are best for interfacing this part with a microcontroller?