전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • C3-R15-10

  • AI
    The designation **C3-R15-10** typically refers to a **Composite Resistor Network** or a specific high-voltage/high-precision resistor series, often manufactured by companies like *Ohmite* or *Vishay*. In most electronic schematic contexts, this nomenclature breaks down into the material properties, physical size, and resistance values. --- ### 1. Breakdown of the Component Code | Segment | Component Type | Typical Meaning | | :--- | :--- | :--- | | **C3** | Series/Material | Often denotes a **Ceramic** or **Carbon** composite series. In industrial resistors, "C" can also refer to a specific coating or case style. | | **R15** | Resistance Value | "R" acts as the decimal point. **R15 = 0.15 Ohms**. If it were 15R, it would be 15 Ohms. | | **10** | Tolerance / Rating | Usually indicates a **10% Tolerance** (K) or a specific **10-Watt** power rating depending on the manufacturer's datasheet. | --- ### 2. Technical Specifications If this part refers to a standard **Power Resistor** or **Current Sense Resistor**, the following specifications usually apply: * **Resistance:** 0.15 $\Omega$ (very low resistance, typical for current sensing). * **Tolerance:** ±10% (standard for high-power applications). * **Composition:** Often **Ceramic Composition**, which allows the part to withstand high-energy pulses and high voltages without failing. * **Mounting:** Usually Axial (through-hole) or Surface Mount (SMD) depending on the package suffix. --- ### 3. Common Applications Due to the low resistance and high durability of this type of part, it is commonly used in: 1. **Surge Protection:** Absorbing sudden spikes in voltage or current. 2. **Current Sensing:** Measuring the voltage drop across the 0.15 $\Omega$ resistance to determine the current flowing through a circuit. 3. **Inrush Current Limiting:** Protecting power supplies when they are first turned on. 4. **Snubber Circuits:** Used in motor controllers to dissipate energy from inductive loads. --- ### 4. Alternative Identifications In some specific PCB designs, **C3-R15-10** might be a **reference designator cluster**, though this is less common. In that scenario: * **C3:** Capacitor 3 * **R15:** Resistor 15 * **10:** Could be the 10th revision of that specific circuit block. ---
    ✨ Follow-up Questions
    • ⤷What is the power rating (wattage) for the C3-R15-10 series?
    • ⤷ How do I test a 0.15 Ohm resistor using a standard multimeter?
    • ⤷ What are the equivalents for a C3-R15-10 resistor in a surface mount package?