전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • C3-R27-10

  • AI
    To provide a detailed explanation of the electronic part **C3-R27-10**, it is important to note that this specific string is typically an **internal part number** or a **positional reference** on a Printed Circuit Board (PCB), rather than a universal industry-standard part number. However, based on standard electronics nomenclature, we can break down what these components likely represent in a circuit. --- ## 1. Component Identification In a standard schematic or Bill of Materials (BOM), these alphanumeric codes refer to specific locations on the board: | Reference Designator | Component Type | Common Function | | :--- | :--- | :--- | | **C3** | Capacitor #3 | Filtering, decoupling, or timing. | | **R27** | Resistor #27 | Current limiting, voltage division, or pull-up/down. | | **-10** | Suffix/Value | Can denote 10 Ohms, 10pF, a 10% tolerance, or a revision number. | --- ## 2. Technical Breakdown ### C3: The Capacitor If "C3" is a capacitor in a circuit (often found near a power rail): * **Purpose:** It likely acts as a **Decoupling Capacitor**. It stabilizes the voltage by absorbing small spikes and providing extra current when the main supply fluctuates. * **Typical Value:** If the "10" refers to the capacitor, it is likely **10µF** (microfarads) or **10nF** (nanofarads). ### R27: The Resistor If "R27" is a resistor (often used in signal paths or feedback loops): * **Purpose:** It limits the flow of electrical current to protect sensitive components like LEDs or Transistors. * **The "-10" Suffix:** In many resistor naming conventions, "10" refers to the resistance value. Depending on the multiplier, it could be: * **10R:** 10 Ohms. * **100:** 10 Ohms (using the 3-digit SMD code). --- ## 3. Possible Contexts Because this specific string appears in certain specialized industrial lists, it most likely refers to one of the following: 1. **Potentiometer / Variable Resistor:** Some manufacturers use "C3" to describe the **taper** (Linear vs. Logarithmic) and "R27" as the physical frame size (27mm). 2. **Filter Network:** A combined RC (Resistor-Capacitor) filter module where C3 and R27 are paired to set a specific frequency cutoff. 3. **Industrial Part Serial:** In some legacy automotive or heavy machinery manuals, this is a proprietary part number for a specific **wiring harness connector** or a **fuse block**. --- ### Summary Table: "C3-R27-10" Potential Specs | Feature | Likely Specification | | :--- | :--- | | **Mounting Type** | Surface Mount (SMD) or Through-Hole (THT) | | **Tolerance** | Usually ±1%, ±5%, or ±10% | | **Material** | Ceramic (for C) / Thick Film (for R) | ---
    ✨ Follow-up Questions
    • ⤷Is this part number from a specific manufacturer like Alps or Vishay?
    • ⤷ Are you looking for a replacement for a specific PCB board?
    • ⤷ Does the '10' refer to the resistance value or a physical dimension?