전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • C431PB2

  • AI
    ## C431PB2 Technical Overview The **C431PB2** is a high-power, industrial-grade **Phase Control Thyristor (SCR)**. These components are primarily designed for high-voltage and high-current switching applications where robust performance and thermal stability are required. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this class of device: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **$V_{DRM} / V_{RRM}$** | Repetitive Peak Off-State / Reverse Voltage | 1200V | | **$I_{T(AV)}$** | Average On-State Current | 450A - 600A (Case dependent) | | **$I_{TSM}$** | Surge Peak On-State Current | ~8000A to 10000A | | **$V_{GT}$** | Gate Trigger Voltage | 3.0V | | **$I_{GT}$** | Gate Trigger Current | 150mA - 200mA | | **Package Style** | Physical housing type | Press-Pack (Hockey Puk) | --- ### 2. Physical Construction The **C431PB2** utilizes a "Press-Pack" design, which differs significantly from standard transistor packages: * **Hermetic Seal:** The internal silicon wafer is housed in a ceramic envelope with metal electrodes, protecting it from moisture and contaminants. * **Double-Side Cooling:** Because the device is flat on both the top and bottom, it can be clamped between two heat sinks. This allows for superior heat dissipation compared to stud-mounted parts. * **Pressure Contact:** It does not use internal wire bonds. Instead, it relies on external clamping force to maintain electrical and thermal contact. --- ### 3. Functional Operation As a Phase Control Thyristor, the C431PB2 acts as a controlled switch: 1. **Forward Blocking:** The device remains "OFF" even when a positive voltage is applied, until a pulse is sent to the **Gate**. 2. **Latching:** Once triggered, it remains "ON" as long as the current stays above a minimum holding level, even if the gate signal is removed. 3. **Commutation:** It turns "OFF" naturally when the current drops to zero (typically at the end of an AC half-cycle). --- ### 4. Typical Applications These devices are used in heavy industrial environments, including: * **DC Motor Drives:** Controlling the speed of large industrial motors. * **High-Voltage DC (HVDC) Transmission:** Converting AC to DC for long-distance power travel. * **Welding Equipment:** Managing high-current pulses for industrial welders. * **Controlled Rectifiers:** Converting AC power to a variable DC output. ---
    ✨ Follow-up Questions
    • ⤷ What is the recommended mounting force for a C431PB2 press-pack SCR?
    • ⤷ How does a phase control thyristor differ from a fast switching thyristor?
    • ⤷ What are the common failure modes for high-power SCRs?