전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • C8-R4D

  • AI
    The **C8-R4D** typically refers to a specific type of industrial or hobbyist **Solid State Relay (SSR) module** or a multi-channel **Relay Control Board**. These components are widely used in automation, robotics, and MCU (Microcontroller) interfacing to control high-power loads using low-power signals. Below is a breakdown of the electronic parts and technical specifications common to this module. --- ## 1. Core Electronic Components A C8-R4D module is composed of several key electronic parts that work together to ensure isolation and switching: | Component | Function | | :--- | :--- | | **Relay Units (R4D)** | The electromechanical or solid-state switches that physically open/close the high-voltage circuit. | | **Optocouplers** | Provide optical isolation between the input (CPU) and output (Load) to prevent back-EMF from damaging the controller. | | **Flyback Diodes** | (For mechanical versions) Protect the circuit from voltage spikes when the relay coil is de-energized. | | **Status LEDs** | Visual indicators (usually red or green) that show which channel is currently active. | | **Transistor Drivers** | Amplify the low current from a microcontroller (like Arduino/ESP32) to drive the relay coils. | --- ## 2. Technical Specifications Most C8-R4D modules follow these standard electrical parameters: ### Input (Control Side) - **Trigger Voltage:** Usually 5V or 12V DC (depending on the specific model variant). - **Trigger Current:** ~5mA to 20mA per channel. - **Logic Type:** Often supports both High-Level and Low-Level triggers via jumpers. ### Output (Load Side) - **Max Switching Voltage:** 250V AC / 30V DC. - **Max Current:** Typically 10A per channel. - **Configuration:** SPDT (Single Pole Double Throw) featuring NO (Normally Open), NC (Normally Closed), and COM (Common) terminals. --- ## 3. Pinout and Connectivity The board is generally divided into two sections to maintain electrical safety: ### Low Voltage Side (Input) 1. **VCC:** Power supply positive (matches relay coil voltage). 2. **GND:** Ground. 3. **IN1 - IN8:** Input signal pins for each of the 8 channels. ### High Voltage Side (Output) 1. **NO (Normally Open):** The circuit is open when the relay is off. 2. **COM (Common):** The main terminal where the load or source is connected. 3. **NC (Normally Closed):** The circuit is closed when the relay is off. --- ## 4. Typical Wiring Diagram (Conceptual) ```cpp // Example Code Snippet for Arduino to trigger Channel 1 int relayPin = 2; void setup() { pinMode(relayPin, OUTPUT); } void loop() { digitalWrite(relayPin, LOW); // Turn Relay ON (if Low-Level Trigger) delay(1000); digitalWrite(relayPin, HIGH); // Turn Relay OFF delay(1000); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a High-Level and Low-Level trigger on this module?
    • ⤷ Can the C8-R4D be used to control DC motors directly?
    • ⤷ How do I calculate the power supply requirements for an 8-channel relay board?