전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • C9900-R270

  • AI
    The **C9900-R270** is a specific industrial electronic component, most commonly identified as a **memory module (RAM)** or a system expansion part used in Beckhoff Industrial PCs. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Identification The C9900-R270 typically refers to a **4 GB DDR3L RAM** module designed for high-reliability industrial environments. It is engineered to withstand higher temperatures and vibrations than standard consumer-grade memory. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Capacity** | 4 GB | | **Memory Type** | DDR3L (Low Voltage) | | **Form Factor** | SO-DIMM (204-pin) | | **Speed** | 1600 MHz (PC3L-12800) | | **Voltage** | 1.35V (also compatible with 1.5V) | | **Rank** | Single Rank or Dual Rank (depending on revision) | --- ## 2. Key Electronic Features ### A. Low Voltage Operation (DDR3L) The "L" in DDR3L signifies that this part operates at **1.35V** instead of the standard 1.5V. * **Power Efficiency:** Reduces power consumption by approximately 15-20%. * **Thermal Management:** Lower voltage results in less heat dissipation, which is critical for fanless industrial PC enclosures. ### B. Industrial Grade Durability Unlike standard desktop RAM, these modules often feature: * **Gold Plating:** Thicker gold plating on contacts to prevent corrosion in humid or chemically active environments. * **Thermal Tolerance:** Rated for extended temperature ranges (often up to 70°C or 85°C) to ensure system stability near heavy machinery. --- ## 3. Integration and Compatibility The C9900-R270 is primarily designed for the following hardware ecosystems: * **Beckhoff Control Cabinets:** Used in C69xx, CX20xx, and CP series industrial PCs. * **Chipset Compatibility:** Requires a CPU/Motherboard that supports DDR3L SO-DIMM architecture (e.g., Intel Atom, Core i3/i5/i7 4th generation and newer). ### Sample Hardware Configuration String ```json { "part_number": "C9900-R270", "description": "Memory extension 4 GB DDR3L", "interface": "SO-DIMM 204-pin", "application": "Industrial PC (IPC)" } ``` --- ## 4. Maintenance and Replacement When handling this electronic part, strict **ESD (Electrostatic Discharge)** protocols must be followed to prevent damaging the integrated circuits (ICs). 1. Ensure the IPC is fully powered down. 2. Use an antistatic wrist strap. 3. Check the BIOS to ensure the new capacity is recognized post-installation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between C9900-R270 and standard DDR3 memory?
    • ⤷ Can this module be used in a standard laptop?
    • ⤷ How do I troubleshoot if the C9900-R270 is not recognized by the BIOS?