전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CB1F-R-24V

  • AI
    ## Overview of the CB1F-R-24V Relay The **CB1F-R-24V** is a high-capacity automotive power relay manufactured by Panasonic (formerly Matsushita). It is specifically designed for 24V DC systems, common in heavy-duty vehicles like trucks, buses, and construction machinery. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Coil Voltage** | 24V DC | | **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) | | **Contact Current Rating** | 20A (NO) / 10A (NC) at 28V DC | | **Coil Resistance** | Approx. 320 $\Omega$ | | **Mounting Type** | Plug-in / ISO Terminal | | **Protection** | Built-in Resistor (Internal) | | **Sealing** | Flux-resistant / Flux-tight | --- ### Key Electronic Components & Features #### 1. Internal Resistor ("R" Suffix) The "R" in the part number signifies that this relay includes an **internal resistor** wired in parallel with the coil. * **Purpose:** It acts as a suppression device to absorb "Back EMF" (Voltage Spikes) generated when the relay coil is de-energized. * **Benefit:** Protects sensitive electronic control units (ECUs) and transistors from high-voltage transients without the polarity sensitivity of a diode. #### 2. Contact Arrangement (1 Form C) This relay features a **SPDT** configuration, meaning it has one common terminal (COM) that can switch between a Normally Closed (NC) contact and a Normally Open (NO) contact. #### 3. Terminal Layout (ISO standard) The part uses a standard mini-ISO terminal layout: * **Terminals 85 & 86:** Coil connections. * **Terminal 30:** Common (COM). * **Terminal 87:** Normally Open (NO). * **Terminal 87a:** Normally Closed (NC). --- ### Application Usage Because of its 24V rating and high current capacity, it is primarily used for: * **Heavy Vehicle Lighting:** Headlights and fog lamps. * **Motors:** Wipers, fans, and power windows in trucks. * **Safety Systems:** ABS systems and fuel pump controls.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' resistor version and a 'D' diode version of this relay?
    • ⤷ Can this relay be used in a 12V automotive system?
    • ⤷ What is the maximum operating temperature for the CB1F series?