전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CCP-32N60-R

  • AI
    The **CCP-32N60-R** is a high-performance power semiconductor, typically identified as an N-channel Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). This specific component is designed for high-voltage switching applications, often found in power supplies and industrial converters. --- ### 1. Key Technical Specifications Based on standard industry naming conventions for this series, here are the primary electrical characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 600V | Maximum voltage the device can handle. | | **Continuous Drain Current ($I_D$)** | 32A | Maximum current at a specific temperature (usually 25°C). | | **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | Low ($\approx$ 0.1 - 0.15 $\Omega$) | Resistance when the transistor is fully "ON". | | **Gate-Source Voltage ($V_{GS}$)** | $\pm$30V | Range of voltage used to control the gate. | | **Package Type** | TO-247 / TO-3P | Large package designed for high heat dissipation. | --- ### 2. Functional Description The CCP-32N60-R utilizes **Super-Junction Technology**. Unlike standard planar MOSFETs, super-junction devices allow for a much lower "On-Resistance" ($R_{DS(on)}$) while maintaining a high breakdown voltage. #### Core Advantages: * **High Efficiency:** Low resistance means less energy is wasted as heat during operation. * **Fast Switching:** Optimized gate charge ($Q_g$) allows the device to turn on and off rapidly, which is essential for high-frequency power converters. * **Thermal Stability:** The robust package allows it to be bolted to a heatsink to manage high power loads. --- ### 3. Common Applications This part is commonly integrated into the following circuits: 1. **Switch Mode Power Supplies (SMPS):** Used as the primary switching element to convert AC to DC. 2. **Uninterruptible Power Supplies (UPS):** Managing high-current battery discharge and inversion. 3. **Solar Inverters:** Converting DC power from solar panels into AC grid power. 4. **PFC (Power Factor Correction):** Improving the efficiency of power input stages in industrial machinery. --- ### 4. Circuit Implementation Example In a standard switching circuit, the MOSFET is controlled via a Gate Driver IC. ```cpp // Pseudocode for PWM Gate Control void setup() { pinMode(PWM_GATE_PIN, OUTPUT); } void loop() { // Rapidly toggle the gate to regulate output voltage digitalWrite(PWM_GATE_PIN, HIGH); delayMicroseconds(10); digitalWrite(PWM_GATE_PIN, LOW); delayMicroseconds(10); } ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the CCP-32N60-R?
    • ⤷ How does the Super-Junction technology differ from standard Planar MOSFETs?
    • ⤷ What specific thermal management is required for this MOSFET at 32A?