전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CCP-32N6D-R

  • AI
    The **CCP-32N6D-R** is a specific type of electronic component typically categorized as a **Chip Capacitor Network** or an **Array**. These parts are designed to integrate multiple capacitors into a single surface-mount package to save board space and simplify assembly. Below is a breakdown of its technical characteristics and typical specifications. --- ### 1. Component Overview The CCP series generally refers to **Ceramic Chip Capacitor Networks**. The "32" in the part number usually denotes the physical dimensions (often corresponding to an EIA 1206 footprint for the entire package). | Feature | Description | | :--- | :--- | | **Component Type** | Capacitor Array / Network | | **Dielectric Material** | Typically NPO (C0G) or X7R | | **Package Style** | SMD (Surface Mount Device) | | **Number of Elements** | Usually 2 or 4 isolated capacitors per chip | | **Termination** | Lead-free (RoHS Compliant), denoted by the "-R" | --- ### 2. Technical Specifications While exact values can vary based on the manufacturer’s specific sub-series, the coding follows this general logic: * **Size (32):** Refers to the 3.2mm x 1.6mm (Metric 3216 / EIA 1206) outer dimensions. * **Circuit Type (N):** Often indicates an "Isolated" circuit type, meaning each capacitor in the array has its own pair of terminals. * **Capacitance Code (6D):** This is a manufacturer-specific code representing the picofarad (pF) value and tolerance. * **RoHS Compliance (-R):** Indicates that the part meets environmental standards for lead-free materials. --- ### 3. Advantages of Using the CCP-32N6D-R Using a capacitor array instead of individual 0603 or 0402 discrete capacitors provides several benefits in PCB design: 1. **Space Efficiency:** Replaces multiple discrete components with one single chip, reducing the total "footprint" on the PCB. 2. **Assembly Speed:** High-speed pick-and-place machines can populate the board faster because one "hit" places multiple capacitors. 3. **Cross-Talk Reduction:** Designed with internal shielding to minimize interference between the adjacent capacitive elements. 4. **Cost:** Reduces the overall Bill of Materials (BOM) line items and handling costs. --- ### 4. Typical Applications These components are widely used in high-density electronics where filtering and decoupling are required across multiple signal lines: * **Data Lines:** I/O interface filtering for computers and peripherals. * **Mobile Devices:** Smart phones and tablets where internal space is at a premium. * **Digital Circuits:** Decoupling multiple pins on a single IC (Integrated Circuit).
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance value represented by the '6D' code?
    • ⤷ Which manufacturers are the primary producers of the CCP-32N series?
    • ⤷ Can this part be used in high-frequency RF applications?