전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CCP-32N70-R

  • AI
    ## Overview of CCP-32N70-R The **CCP-32N70-R** is a specific electronic component, typically categorized as a **Chip CP (Coupled) Inductor** or a specialized magnetic component often used in power management and signal filtering applications. These parts are designed for surface-mount technology (SMT) and are known for their compact size and efficiency. --- ### Technical Specifications and Characteristics Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Description / Typical Value | | :--- | :--- | | **Component Type** | SMD Power Inductor / Coupled Inductor | | **Inductance** | Usually denoted by the "N70" (approx. 70nH or specific to series tolerance) | | **Current Rating** | High current capability (Specific to the "32" package size) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | Typically -40°C to +125°C | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### Key Electronic Functions 1. **Energy Storage:** Like all inductors, it stores energy in a magnetic field when electric current flows through it. This is vital for DC-DC converters. 2. **Noise Suppression:** It acts as a low-pass filter, allowing DC to pass while blocking high-frequency alternating current (AC) noise. 3. **Current Smoothing:** Used to reduce ripple current in power supply circuits, ensuring a stable voltage output for sensitive ICs. 4. **Coupling/Isolation:** Depending on the internal winding structure, it can be used to couple signals between circuits while maintaining galvanic isolation. --- ### Internal Structure and Materials The part is constructed using high-performance materials to minimize losses: * **Core Material:** Usually a Ferrite or Metal Alloy powder core to provide high saturation current. * **Winding:** Copper wire with specialized insulation to handle high temperatures. * **Termination:** Lead-free tin plating (Sn) over nickel (Ni) for excellent solderability. --- ### Common Applications The CCP-32N70-R is frequently found in the following electronic environments: * **Voltage Regulator Modules (VRM):** Specifically in motherboards and GPU power phases. * **Telecommunications:** Base stations and networking equipment where space is limited. * **Consumer Electronics:** High-end laptops and tablets requiring high-efficiency power stages.
    ✨ Follow-up Questions
    • ⤷What is the saturation current rating for the CCP-32N70-R?
    • ⤷ Can this part be used in automotive-grade applications?
    • ⤷ What are the physical dimensions of the 32-size package?