CCR-53S90-R
AI

The **CCR-53S90-R** is a high-performance electromechanical coaxial switch manufactured by Teledyne Relays. It is specifically designed for high-frequency applications where low insertion loss and high isolation are critical.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic and physical characteristics of the CCR-53S90-R:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | SPDT (Single Pole Double Throw) |
| **Frequency Range** | DC to 26.5 GHz |
| **Actuation Type** | Latching |
| **Operating Voltage** | 28.0 VDC (Typical) |
| **Actuating Current** | 140 mA (approx. at 28V) |
| **Impedance** | 50 Ohms |
| **Connector Type** | SMA (Female) |
---
### 2. Detailed Electronic Components & Functions
#### A. Latching Actuator Mechanism
Unlike "failsafe" switches that require continuous power to stay in a specific position, the **Latching** mechanism in the CCR-53S90-R uses a permanent magnet.
- **Power Efficiency:** It only requires a momentary pulse of current to flip the switch state.
- **Stability:** Once the state is changed, it remains in that position even if power is completely removed.
#### B. RF Path Design
The internal RF paths are engineered to minimize signal degradation. At its maximum frequency of 26.5 GHz, the part maintains:
* **Low Insertion Loss:** Minimizes signal strength reduction as it passes through the switch.
* **High Isolation:** Prevents signal leakage between the active and inactive ports.
* **Low VSWR (Voltage Standing Wave Ratio):** Ensures minimal signal reflection back to the source.
#### C. Control & Interface
The "R" suffix often denotes specific connector or circuit enhancements (such as suppression diodes or moisture seals).
* **Suppression Diodes:** Often included to protect the driving circuitry from "back EMF" (voltage spikes) generated when the inductive coil is de-energized.
* **Pulse Duration:** Typically requires a pulse width of approximately 15ms to 20ms for reliable switching.
---
### 3. Application Use Cases
Due to its high-frequency rating (26.5 GHz), this part is commonly used in:
1. **Automated Test Equipment (ATE):** Switching between different instruments or devices under test.
2. **Satellite Communication:** Routing signals in ground stations.
3. **Radar Systems:** Directing high-frequency pulses between transmitters and receivers.
- ⤷
What is the difference between the latching and failsafe versions of this switch?
- ⤷ How does the temperature range affect the switching speed of the CCR-53S90-R?
- ⤷ What are the specific pinout configurations for the 28V control signal?