전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CCT-49K64D-R

  • AI
    The **CCT-49K64D-R** is a specific model of an **Active Matrix Liquid Crystal Display (AMLCD)** module, typically used in industrial or automotive applications. Based on standard nomenclature for this series, it is a high-resolution TFT-LCD display. Below is an explanation of its electronic components and specifications. --- ### 1. Key Technical Specifications The electronics of this module are designed for high-density visual output and reliability. | Component / Feature | Specification | | :--- | :--- | | **Display Type** | TFT-LCD (Thin Film Transistor) | | **Screen Size** | 4.9 Inches (approximate) | | **Resolution** | 720 x 1280 (HD / High Density) | | **Interface** | MIPI DSI (4-Lane) | | **Backlight** | White LED (WLED) | | **Touch Panel** | Integrated Capacitive (optional/model dependent) | --- ### 2. Core Electronic Architecture The internal circuitry of the CCT-49K64D-R consists of several critical subsystems: #### A. The Timing Controller (T-CON) The T-CON is the "brain" of the display. It translates the incoming video signals (MIPI) into the specific row and column data required by the LCD panel. It manages the refresh rate and ensures synchronization between the pixels. #### B. MIPI DSI Interface The module uses the **Mobile Industry Processor Interface (MIPI) Display Serial Interface**. * **Efficiency:** Uses low-voltage differential signaling to reduce EMI (Electromagnetic Interference). * **Speed:** High-speed data lanes allow for HD video playback at 60Hz. #### C. LED Driver Circuit Because LCDs do not emit light, a backlight is required. * **Voltage Boosting:** The internal driver usually requires a boost converter to raise the input voltage (3.3V or 5V) to the level required by the LED string (often 15V-25V). * **PWM Dimming:** The circuit supports Pulse Width Modulation to adjust brightness levels. #### D. Column and Row Drivers These are ICs mounted directly on the glass (Chip-on-Glass or COG). They convert digital data from the T-CON into analog voltages that physically twist the liquid crystals to allow light through. --- ### 3. Connection Pinout Overview The physical connection is usually a high-density FPC (Flexible Printed Circuit) connector. | Pin Group | Function | | :--- | :--- | | **VDD / VCI** | Digital and Analog Power Supply (typically 1.8V / 2.8V / 3.3V) | | **DSI_P/N (0-3)** | Differential Data Lanes for Image Data | | **DSI_CLK_P/N** | Differential Clock Signal | | **LEDA / LEDK** | Backlight Anode and Cathode | | **RESET / TE** | Hardware Reset and Tearing Effect (Sync) signal | --- ### 4. Integration Considerations If you are designing a PCB for this part, keep the following in mind: 1. **Impedance Matching:** MIPI traces must be differential pairs with 100-ohm impedance. 2. **Heat Dissipation:** The backlight LEDs generate heat; ensure the FPC has adequate thermal relief. 3. **ESD Protection:** High-speed data lines should be protected with low-capacitance TVS diodes. ---
    ✨ Follow-up Questions
    • ⤷What is the exact pinout for the 40-pin FPC connector on this model?
    • ⤷ What is the recommended LED driver IC for the CCT-49K64D-R backlight?
    • ⤷ Is there a specific initialization code required for the MIPI controller?