AI

The **CD08RM0AK-R** is a specific electronic component belonging to the category of **Rotary DIP Switches**. These are used to manually set binary-coded values on a printed circuit board (PCB).
---
## 1. Component Overview
The CD series from C&K (now part of Littelfuse) is designed for applications where high reliability and miniature sizing are required.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Rotary DIP Switch |
| **Actuator Style** | Flush Actuator (requires a screwdriver/tool) |
| **Number of Positions** | 8 |
| **Coding** | Real Code (Binary Coded Octal) |
| **Mounting Type** | Through-hole, Right Angle |
| **Contact Rating** | 0.4 VA @ 20V AC/DC |
---
## 2. Technical Characteristics
### Mechanical Features
* **Right Angle Mounting (`A` suffix):** The "AK" in the part number indicates a right-angle orientation, meaning the dial is accessible from the side of the PCB rather than the top.
* **Flush Actuator:** The dial sits level with the housing, preventing accidental changes and requiring a flat-head screwdriver to rotate.
* **Sealing:** The "R" suffix often indicates **Tape & Reel** packaging, though in the CD series context, these switches are generally process-sealed to withstand wave soldering and cleaning processes.
### Electrical Features
* **Logic Coding:** This is an 8-position switch. In "Real Code" configuration, the output pins represent the binary equivalent of the number selected on the dial (0 through 7).
* **Low Voltage/Dry Circuit:** With a rating of 0.4 VA, this part is intended for logic-level switching rather than power handling.
---
## 3. Pinout and Truth Table
For an 8-position Real Code switch, there are typically 4 active pins (Common, 1, 2, and 4).
| Position | Pin 1 (2^0) | Pin 2 (2^1) | Pin 4 (2^2) |
| :--- | :--- | :--- | :--- |
| 0 | OFF | OFF | OFF |
| 1 | **ON** | OFF | OFF |
| 2 | OFF | **ON** | OFF |
| 3 | **ON** | **ON** | OFF |
| 4 | OFF | OFF | **ON** |
| 7 | **ON** | **ON** | **ON** |
---
## 4. Typical Applications
* **Address Setting:** Setting unique IDs for nodes on a bus (e.g., RS-485 or CAN bus).
* **Configuration:** Selecting operating modes for industrial controllers.
* **Peripheral Identification:** Assigning hardware addresses in embedded systems.
- ⤷
What is the difference between 'Real Code' and 'Complement Code' in this switch series?
- ⤷ Can this switch be used in a surface-mount (SMT) assembly process?
- ⤷ How do the dimensions of the CD08 series compare to standard DIP switches?