전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CDSCB10M7GA113-R0

  • AI
    ## Detailed Analysis of CDSCB10M7GA113-R0 The **CDSCB10M7GA113-R0** is a specific surface-mount **Ceramic Discriminator** manufactured by **Murata Electronics**. These components are primarily used in communication equipment for the detection of FM signals. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Murata Electronics | | **Center Frequency** | 10.7 MHz | | **Type** | Ceramic Discriminator | | **Mounting Type** | Surface Mount (SMD) | | **Package/Case** | 1812 (4532 Metric) | | **Operating Temperature** | -20°C to +80°C | | **Frequency Tolerance** | ±30 kHz | --- ### 2. Functional Description A ceramic discriminator is a resonant device that converts frequency variations (FM) into voltage variations (audio/data). * **Mechanism:** It works in conjunction with an FM IC (Integrated Circuit) to form a quadrature detection circuit. * **Piezoelectric Effect:** It utilizes the mechanical vibration of piezoelectric ceramics at a specific frequency (10.7 MHz, which is the standard Intermediate Frequency for FM radio). * **Stability:** Unlike LC (Inductor-Capacitor) circuits, ceramic discriminators require no adjustment and offer high stability against aging and temperature changes. --- ### 3. Application Areas This specific part is widely used in the following electronics: 1. **FM Radio Receivers:** Converting the 10.7 MHz IF signal into audible sound. 2. **Wireless Communication:** Used in narrow-band FM receivers for pagers or walkie-talkies. 3. **Cordless Phones:** Handling signal demodulation in older analog or digital-analog hybrid systems. --- ### 4. Circuit Implementation Example In a typical circuit, the discriminator is connected to the "Quadrature" or "Phase Shift" pin of an FM IF IC (e.g., those from Toshiba, Sanyo, or NXP). ```c // Concept of Operation [FM IF Signal (10.7MHz)] -> [FM Demodulator IC] | [CDSCB10M7GA113-R0 (Phase Shifter)] | [Demodulated Audio Output] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic filter and a ceramic discriminator?
    • ⤷ Can this component be used in 455 kHz applications?
    • ⤷ What are the common failure modes of ceramic discriminators in aging electronics?