전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CDSCB10M7GA121-R0

  • AI
    ## Technical Overview of CDSCB10M7GA121-R0 The **CDSCB10M7GA121-R0** is a specialized electronic component manufactured by **Murata Electronics**. It belongs to the category of **Ceramic Discriminators**, which are used primarily in communication equipment for demodulating FM signals. --- ### 1. Fundamental Component Details | Feature | Specification | | :--- | :--- | | **Manufacturer** | Murata Electronics | | **Product Type** | Ceramic Discriminator (CERASTRAT) | | **Nominal Frequency** | 10.7 MHz | | **Application** | FM Demodulation (Quadrature Detection) | | **Package Type** | SMD (Surface Mount Device) | | **Operating Temperature** | -20°C to +80°C | --- ### 2. How it Works A ceramic discriminator is a type of resonator that converts frequency variations into voltage variations. In an FM receiver circuit, it acts as the frequency-selective element in a **quadrature detection** circuit. 1. **Phase Shifting:** The internal piezoelectric ceramic material creates a phase shift relative to the incoming signal's frequency. 2. **Detection:** When paired with an IC (Integrated Circuit), the phase difference is detected and converted back into the original audio or data signal. --- ### 3. Key Characteristics * **High Stability:** Ceramic technology provides better temperature stability and aging characteristics compared to traditional LC (Inductor-Capacitor) circuits. * **Miniaturization:** The "CDSCB" series is designed for surface mounting, allowing for high-density PCB layouts in portable devices. * **Adjustment Free:** Unlike older analog radios that required manual tuning of coils, these ceramic components are pre-tuned to 10.7 MHz, simplifying the manufacturing process. --- ### 4. Circuit Implementation In a typical FM IF (Intermediate Frequency) stage, this component is connected to the FM detector pins of a radio IC (such as those from Silicon Labs, Toshiba, or NXP). ```mermaid graph LR A[IF Signal 10.7MHz] --> B[FM Receiver IC] B <--> C[CDSCB10M7GA121-R0] B --> D[Audio Output] ``` --- ### 5. Common Applications * Car audio systems. * Portable FM radios. * Wireless communication modules. * Remote control receivers using FM modulation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic discriminator and a ceramic filter?
    • ⤷ Which specific FM receiver ICs are compatible with this part?
    • ⤷ Can this component be used for digital data demodulation?