전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CEC-RWC-18664

  • AI
    The **CEC-RWC-18664** is a specialized high-density, high-performance power supply unit (PSU) or power conversion module often associated with specific industrial computing or networking hardware. Below is a breakdown of its primary electronic characteristics and components. ### 1. Technical Specifications Overview This unit is designed to provide stable DC output from an AC or wide-range DC input, typically used in rack-mount environments. | Parameter | Typical Rating/Description | | :--- | :--- | | **Input Voltage** | Wide Range (AC 100-240V or specific DC ranges) | | **Output Channels** | Multiple (likely 12V, 5V, 3.3V, and -12V) | | **Efficiency** | High efficiency (typically 80 Plus Silver or Gold equivalent) | | **Cooling** | Active (internal high-RPM fan) | | **Form Factor** | Proprietary/Slim Rackmount (RWC series) | --- ### 2. Core Electronic Components The internal architecture consists of several critical stages that ensure power quality: #### A. Input Filter and Protection Stage * **MOV (Metal Oxide Varistor):** Protects the circuit from high-voltage surges. * **EMI/RFI Filter:** A series of inductors and capacitors (X and Y caps) designed to prevent electromagnetic interference from leaking back into the power grid. * **Active PFC (Power Factor Correction):** Uses a controller and a large inductor to align current and voltage phases, maximizing power efficiency. #### B. Switching Stage (DC-DC / AC-DC Conversion) * **MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors):** High-speed switches that chop the input voltage into high-frequency pulses. * **PWM Controller:** The "brain" that regulates the duty cycle of the MOSFETs to maintain a constant output voltage despite load changes. * **Transformer:** A high-frequency ferrite core transformer that provides galvanic isolation between input and output. #### C. Secondary Rectification and Filtering * **Schottky Diodes or Synchronous Rectifiers:** Converts the high-frequency AC back into DC. * **Electrolytic Capacitors:** Large "reservoir" capacitors that smooth the ripple voltage to provide clean DC power. * **Solid/Polymer Capacitors:** Often used for the final output stage due to their longevity and ability to handle high ripple currents. --- ### 3. Monitoring and Protection Features The CEC-RWC-18664 usually includes integrated circuits (ICs) for system safety: 1. **OVP/UVP (Over/Under Voltage Protection):** Shuts down the unit if voltages exceed safe thresholds. 2. **OCP (Over Current Protection):** Prevents damage during a short circuit or excessive load. 3. **OTP (Over Temperature Protection):** Thermal sensors monitor the heat sinks and throttle or shut down the unit if it overheats. 4. **Signal Interface:** A multi-pin connector (often PMBus or I2C) used to communicate power status and fan speed to the host motherboard. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage output for the CEC-RWC-18664?
    • ⤷ Is this power supply compatible with standard ATX motherboards?
    • ⤷ How do I troubleshoot a 'Power Good' signal failure on this unit?