AI

The **CFAG1602A-RFE-JP** is a specific character LCD module manufactured by Crystalfontz. This model belongs to the 16x2 character display family, commonly used in embedded systems due to its reliability and low power consumption.
### 1. Key Technical Specifications
The electrical and mechanical characteristics define how the component interacts with a microcontroller (MCU).
| Feature | Specification |
| :--- | :--- |
| **Display Format** | 16 Characters x 2 Lines |
| **Interface** | Parallel (8-bit or 4-bit) |
| **Controller/Driver** | ST7066 (or compatible) |
| **Supply Voltage (VDD)** | 3.0V to 5.0V (Typical 5.0V) |
| **Backlight Type** | Red LED |
| **Display Mode** | FSTN, Negative (Dark background, lit pixels) |
| **Operating Temperature** | -20°C to +70°C |
---
### 2. Pinout Configuration
The module typically utilizes a 16-pin interface. The first 14 pins handle the data and power for the LCD, while pins 15 and 16 power the LED backlight.
| Pin No. | Symbol | Description |
| :--- | :--- | :--- |
| 1 | VSS | Ground (0V) |
| 2 | VDD | Supply Voltage (+5V or +3V) |
| 3 | VO | Contrast Adjustment (via Potentiometer) |
| 4 | RS | Register Select (Command/Data) |
| 5 | R/W | Read/Write Select |
| 6 | E | Enable Signal |
| 7-14 | DB0-DB7 | Data Bus lines |
| 15 | A | Backlight Anode (+) |
| 16 | K | Backlight Cathode (-) |
---
### 3. Core Electronic Components
* **The Controller (ST7066):** This is the "brain" of the module. It handles the character generator ROM (CGROM), which contains the fonts. The "JP" suffix in the part number often indicates a Japanese font set (Katakana) is included in the ROM.
* **Voltage Divider/Contrast Circuit:** Pin 3 (VO) requires a variable voltage to set the liquid crystal's orientation. Usually, a 10k Ohm potentiometer is connected between VDD and VSS, with the wiper going to Pin 3.
* **Backlight Resistor:** The Red LED backlight (RFE) requires a current-limiting resistor. While some modules have them integrated, it is standard practice to calculate the resistor value based on the forward voltage ($V_f$) and desired current ($I_f$) to prevent burning out the LED.
---
### 4. Logic Connection Example
For an Arduino or similar MCU, the wiring typically uses the 4-bit mode to save GPIO pins.
```cpp
// Typical Arduino LiquidCrystal Library Pin Mapping
#include
// Initialize the library with the numbers of the interface pins
// RS, E, D4, D5, D6, D7
LiquidCrystal lcd(12, 11, 5, 4, 3, 2);
void setup() {
lcd.begin(16, 2);
lcd.print("Crystalfontz!");
}
void loop() {
// Main logic
}
```
- ⤷
What is the maximum forward current for the Red LED backlight on this model?
- ⤷ How do I calculate the contrast voltage for negative FSTN displays?
- ⤷ Does the JP suffix change the command set compared to the standard CFAG1602A?